Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3466EDD-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3466EDD-1
Description  White LED Driver and Boost Converter in 3mm3mm DFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466EDD-1 Datasheet(HTML) 5 Page - Linear Technology

  LT3466EDD-1 Datasheet HTML 1Page - Linear Technology LT3466EDD-1 Datasheet HTML 2Page - Linear Technology LT3466EDD-1 Datasheet HTML 3Page - Linear Technology LT3466EDD-1 Datasheet HTML 4Page - Linear Technology LT3466EDD-1 Datasheet HTML 5Page - Linear Technology LT3466EDD-1 Datasheet HTML 6Page - Linear Technology LT3466EDD-1 Datasheet HTML 7Page - Linear Technology LT3466EDD-1 Datasheet HTML 8Page - Linear Technology LT3466EDD-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT3466-1
34661f
TEMPERATURE (
°C)
–50
0.780
0.785
0.790
0.795
0.800
0.810
–25
025
50
34661 G17
75
125
100
0.805
VIN = 3V
VOUT2 = 16V/30mA
SCHOTTKY FORWARD DROP (mV)
0
150
200
250
600
1000
34661 G14
100
50
0
200
400
800
300
350
400
TEMPERATURE (
°C)
–50
0
2
4
6
8
–25
0
25
50
34661 G015
75
100
VR = 36V
VR = 20V
Schottky Forward Voltage Drop
Schottky Leakage Current
CTRL Voltages to Shut Down
the IC
TEMPERATURE (
°C)
–50
0
25
50
75
100
150
–25
025
50
34661 G13
75
100
125
CTRL1
CTRL2
VIN = 3.6V
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–50
800
900
1000
1100
–25
0
25
50
34661 G12
75
100
VIN = 3.6V
RT = 48.7k
FB2 Pin Voltage vs Temperature
FB2 Pin Load Regulation
LOAD CURRENT (mA)
0
–1.00
–0.80
–0.60
–0.40
–0.20
VIN = 3V
VOUT2 = 16V
0
10
20
34661 G18
30
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise specified


Similar Part No. - LT3466EDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466EDD LINER-LT3466EDD Datasheet
324Kb / 20P
   Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
More results

Similar Description - LT3466EDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LTC2641 LINER-LTC2641 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com