Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3473A Datasheet(PDF) 10 Page - Linear Technology

Part # LT3473A
Description  Micropower 1A Boost Converter with Schottky and Output Disconnect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3473A Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3473A Datasheet HTML 4Page - Linear Technology LT3473A Datasheet HTML 5Page - Linear Technology LT3473A Datasheet HTML 6Page - Linear Technology LT3473A Datasheet HTML 7Page - Linear Technology LT3473A Datasheet HTML 8Page - Linear Technology LT3473A Datasheet HTML 9Page - Linear Technology LT3473A Datasheet HTML 10Page - Linear Technology LT3473A Datasheet HTML 11Page - Linear Technology LT3473A Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT3473/LT3473A
3473f
between the OUT pin and ground. A ceramic capacitor with
a value of 1µF is a good choice. The voltage drop (PNP
VCESAT) can be accounted for by setting the output voltage
according to the following formula:
VV
V
V
R
R
V
OUT
INT
CESAT
REF
CESAT
==
+
–•
1
2
1
Auxiliary NPN Devices (LT3473A Only)
The LT3473A has two auxiliary NPNs as shown in the
Block Diagram that can provide intermediate outputs less
than OUT. The collectors of the NPNs are connected to the
OUT pin internally. Each NPN can dissipate 100mW safely
and has a minimum beta of 60. A resistor string can be
APPLICATIO S I FOR ATIO
2
4
REXT1
REXT2
REXT3
NE1
3 NB1
OUT
6
NE2
5 NB2
3473 F05
Figure 5. Auxiliary NPN Transistors in LT3473A. REXT1, REXT2
and REXT3 Set Intermediate Voltage at NE1 and NE2
connected to the two bases as shown in Figure 5 to
generate buffered voltage at the emitters. When sourcing
high current at low voltage, keep in mind that the NPNs
will be dissipating a fair amount of power, which must be
supplied by the DC/DC converter.
Thermal Shutdown
The LT3473 has thermal shutdown circuitry that shuts down
the part when the junction temperature reaches approxi-
mately 145°C to protect the part from abnormal operation
with high power dissipation, such as an output short cir-
cuit or excessive power dissipation in the auxiliary NPNs.
The part will turn back on when the junction cools down to
approximately 125°C. If the abnormal condition remains,
the part will turn on and off while maintaining the junction
temperature within the window between 125°C and 145°C.
Board Layout Consideration
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To maximize efficiency, switch rise and fall times are made
as short as possible. To prevent electromagnetic interfer-
ence (EMI) problems, proper layout of the high frequency
switching path is essential. The voltage signal of the SW
pin has sharp rise and fall edges. Minimize the length and
area of all traces connected to the SW pin and always use
a ground plane under the switching regulator to minimize
interplane coupling. Recommended component place-
ment is shown in Figure 6.
Figure 6. Recommended Component Placement
OUT
1
2
3
4
13
5
6
12
11
10
9
8
7
3473 F06a
OUT
1
2
3
4
9
8
7
6
5
3473 F06b


Similar Part No. - LT3473A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3473A LINER-LT3473A Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3473A LINER-LT3473A Datasheet
275Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A_15 Datasheet
275Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
More results

Similar Description - LT3473A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3473 LINER-LT3473_15 Datasheet
275Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A_15 Datasheet
275Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3464 LINER-LT3464_1 Datasheet
240Kb / 16P
   Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
LT3464 LINER-LT3464_15 Datasheet
254Kb / 16P
   Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
LT3464 LINER-LT3464 Datasheet
260Kb / 16P
   Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421 Datasheet
234Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com