Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440F-E1610N10 Datasheet(PDF) 8 Page - Allen-Bradley

Part # 440F-E1610N10
Description  Safety Edges
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440F-E1610N10 Datasheet(HTML) 8 Page - Allen-Bradley

  440F-E1610N10 Datasheet HTML 1Page - Allen-Bradley 440F-E1610N10 Datasheet HTML 2Page - Allen-Bradley 440F-E1610N10 Datasheet HTML 3Page - Allen-Bradley 440F-E1610N10 Datasheet HTML 4Page - Allen-Bradley 440F-E1610N10 Datasheet HTML 5Page - Allen-Bradley 440F-E1610N10 Datasheet HTML 6Page - Allen-Bradley 440F-E1610N10 Datasheet HTML 7Page - Allen-Bradley 440F-E1610N10 Datasheet HTML 8Page - Allen-Bradley 440F-E1610N10 Datasheet HTML 9Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2-101
Presence Sensing Safety Devices
Safety Edges
Safedge™ Profiles
Factory Assembled Product Selection
(mini-profile)
a
b
440F-E
M
I
M
V
01270
ab
c
d
e
Profile
Code
Description
M
0118S 3.75mm (0.15in) Cushion Factor Black, Mini Profile
“C” Rail
Code
Description
I
1219 aluminium for “Profile” code M
N
No C-Rail (not needed)
c
d
e
➊ Order controller separately. See page 2-104 for
selection details.
Cable Entrance
Code
Description
K
SET straight entrance 1m cable
M
SET straight entrance 3m cable
N
SET straight entrance 5m cable
P
UNDER entrance 1m cable
R
UNDER entrance 3m cable
S
UNDER entrance 5m cable
Termination
Code
Description
K
SET straight entrance 1m cable
M
SET straight entrance 3m cable
N
SET straight entrance 5m cable
P
UNDER entrance 1m cable
R
UNDER entrance 3m cable
S
UNDER entrance 5m cable
V
Series Termination—8k
Length
Code
Description
5 digit number
Enter length of edge in mm
for example: 50m=50000; 500mm=00500
300mm minimum


Similar Part No. - 440F-E1610N10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
   Safety Edges
440F-C251P ALLEN-BRADLEY-440F-C251P Datasheet
73Kb / 3P
   Safety Edges
440F-C252D ALLEN-BRADLEY-440F-C252D Datasheet
73Kb / 3P
   Safety Edges
More results

Similar Description - 440F-E1610N10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
   Safety Edges
logo
Bel Fuse Inc.
S422-0010-06 BEL-S422-0010-06 Datasheet
60Kb / 1P
   1 TAP BOTH EDGES CONTROLLED STANDARD DELAY MODULES
logo
Molex Electronics Ltd.
0700584102 MOLEX8-0700584102 Datasheet
109Kb / 2P
   SL??Crimp Terminal 70058, 22-24 AWG, Loose, Tin (Sn), Unplated Edges
0700584086 MOLEX8-0700584086 Datasheet
110Kb / 2P
   SL??Crimp Terminal 70058, 22-24 AWG, Reel Tin (Sn), Unplated Edges
0700584096 MOLEX8-0700584096 Datasheet
109Kb / 2P
   SL??Crimp Terminal 70058, 24-30 AWG, Loose, Tin (Sn), Unplated Edges
0700584069 MOLEX8-0700584069 Datasheet
111Kb / 3P
   SL??Crimp Terminal 70058, 24-30 AWG, Reel, Tin (Sn), Unplated Edges
logo
SICK AG
FX3-GEPR00000 SICK-FX3-GEPR00000 Datasheet
322Kb / 5P
   SAFETY CONTROLLERS / SAFETY SYSTEMS
logo
Molex Electronics Ltd.
0700580069 MOLEX1-0700580069_18 Datasheet
42Kb / 1P
   SL Crimp Terminal, Female, 24-30 AWG, with Tin (Sn) Plated Contact, Unplated Edges
0700580102 MOLEX1-0700580102_18 Datasheet
43Kb / 1P
   SL Crimp Terminal, Female, 22-24 AWG, with Tin (Sn) Plated Contact, Unplated Edges
0700584084 MOLEX8-0700584084 Datasheet
110Kb / 2P
   SL??Crimp Terminal 70058, 32-36 AWG, Reel, Tin (Sn), Unplated Edges
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com