Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440F-E0110R10 Datasheet(PDF) 9 Page - Allen-Bradley

Part # 440F-E0110R10
Description  Safety Edges
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440F-E0110R10 Datasheet(HTML) 9 Page - Allen-Bradley

  440F-E0110R10 Datasheet HTML 1Page - Allen-Bradley 440F-E0110R10 Datasheet HTML 2Page - Allen-Bradley 440F-E0110R10 Datasheet HTML 3Page - Allen-Bradley 440F-E0110R10 Datasheet HTML 4Page - Allen-Bradley 440F-E0110R10 Datasheet HTML 5Page - Allen-Bradley 440F-E0110R10 Datasheet HTML 6Page - Allen-Bradley 440F-E0110R10 Datasheet HTML 7Page - Allen-Bradley 440F-E0110R10 Datasheet HTML 8Page - Allen-Bradley 440F-E0110R10 Datasheet HTML 9Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
2-102
Presence Sensing Safety Devices
Safety Edges
Safedge™ Profiles
Factory Assembled Examples
440F-ECAKV01250
This is a single oil resistant profile which is 1250mm long. The edge
is terminated with a Series Termination. A 1m cable enters straight
into the closing cap from a DIN-rail mounted controller. The profile is
mounted on a standard aluminium C rail.
440F-EDFHV00490
This is single profile has a sealing lip and is 490mm long. The profile
is terminated with a Series Termination. A 3m cable enters into the
right hand side of the closing cap from a plastic surface mounted
controller. The profile is mounted on an aluminium rail with a vertical
lip for ease of mounting. The orientation of the sealing lip to the
vertical lip can be reversed by the user by sliding the profile out of
the C Rail, rotating the C Rail 180° and then re-inserting the profile
back into the C Rail.
440F-ECFGD01250
This is a single oil resistant profile which is 1250mm long. The edge
is terminated with a 1m cable. A 1m cable enters straight into the
closing cap. The profile is mounted on a standard aluminium C rail. A
control unit is not included. This edge is intended to be used in series
with another length of edge which has a terminating resistor.
440F-EBGCU03560
This is a red-coloured single profile which is 3560mm long. This
profile is part of a parallel profile system, for ease of mounting, as it
is terminated with a Parallel Termination. A 3m cable enters into the
left side of the closing cap from a plastic surface mount controller.
The profile is mounted on an aluminium C Rail with a horizontal lip
for ease of mounting. The horizontal lip can be reversed by the user
by sliding the profile out of the C Rail, rotating the C Rail and then
re-inserting the profile back into the C Rail. A separate catalogue
number must be entered for the other profile.
A
Type C112/A
Aluminum C Rail
K
SET Cable Entrance
with 1m Cable
C
Type 0110N
Oil Resistant Profile
1250 mm long
V
Series Termination
6K
V
Series Termination
6K
F
Type 1214 Aluminum Rail
with Vertical Lip
H
RHT—Right Hand
Entrance with
3m Cable
D
Type 0510S Profile
with Sealing Lip
490mm long
Note orientation of sealing
lip to cable entrance
F
Type 1214 Aluminum Rail
with Vertical Lip
G
RHT—Right Hand
Entrance with 2m Cable
D
LHT Cable Exit
5m
C
Type 0110N Oil Resistant Profile
1250mm long
G
Type 1215 Aluminum Rail
with Horizontal Lip
U
Parallel Termination
15K
B
Type 0110R Profile
3560mm long
C
LHT—Entrance
with 3m Cable


Similar Part No. - 440F-E0110R10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
   Safety Edges
440F-C251P ALLEN-BRADLEY-440F-C251P Datasheet
73Kb / 3P
   Safety Edges
440F-C252D ALLEN-BRADLEY-440F-C252D Datasheet
73Kb / 3P
   Safety Edges
More results

Similar Description - 440F-E0110R10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
   Safety Edges
logo
Bel Fuse Inc.
S422-0010-06 BEL-S422-0010-06 Datasheet
60Kb / 1P
   1 TAP BOTH EDGES CONTROLLED STANDARD DELAY MODULES
logo
Molex Electronics Ltd.
0700584102 MOLEX8-0700584102 Datasheet
109Kb / 2P
   SL??Crimp Terminal 70058, 22-24 AWG, Loose, Tin (Sn), Unplated Edges
0700584086 MOLEX8-0700584086 Datasheet
110Kb / 2P
   SL??Crimp Terminal 70058, 22-24 AWG, Reel Tin (Sn), Unplated Edges
0700584096 MOLEX8-0700584096 Datasheet
109Kb / 2P
   SL??Crimp Terminal 70058, 24-30 AWG, Loose, Tin (Sn), Unplated Edges
0700584069 MOLEX8-0700584069 Datasheet
111Kb / 3P
   SL??Crimp Terminal 70058, 24-30 AWG, Reel, Tin (Sn), Unplated Edges
logo
SICK AG
FX3-GEPR00000 SICK-FX3-GEPR00000 Datasheet
322Kb / 5P
   SAFETY CONTROLLERS / SAFETY SYSTEMS
logo
Molex Electronics Ltd.
0700580069 MOLEX1-0700580069_18 Datasheet
42Kb / 1P
   SL Crimp Terminal, Female, 24-30 AWG, with Tin (Sn) Plated Contact, Unplated Edges
0700580102 MOLEX1-0700580102_18 Datasheet
43Kb / 1P
   SL Crimp Terminal, Female, 22-24 AWG, with Tin (Sn) Plated Contact, Unplated Edges
0700584084 MOLEX8-0700584084 Datasheet
110Kb / 2P
   SL??Crimp Terminal 70058, 32-36 AWG, Reel, Tin (Sn), Unplated Edges
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com