Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF579R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BF579R
Description  Silicon PNP Planar RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF579R Datasheet(HTML) 1 Page - Vishay Siliconix

  BF579R Datasheet HTML 1Page - Vishay Siliconix BF579R Datasheet HTML 2Page - Vishay Siliconix BF579R Datasheet HTML 3Page - Vishay Siliconix BF579R Datasheet HTML 4Page - Vishay Siliconix BF579R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BF579/BF579R
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
1 (5)
Document Number 85001
Silicon PNP Planar RF Transistor
Electrostatic sensitive device.
Observe precautions for handling.
Applications
UHF/VHF uncontrolled prestages with low noise and
low cross modulation.
Features
D High transition frequency
D Low distortion
13 581
23
1
94 9280
BF579 Marking: G7
Plastic case (SOT 23)
1 = Collector, 2 = Base, 3 = Emitter
13 581
2
3
1
9510527
BF579R Marking: GG
Plastic case (SOT 23)
1 = Collector, 2 = Base, 3 = Emitter
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Collector-base voltage
–VCBO
20
V
Collector-emitter voltage
–VCEO
20
V
Emitter-base voltage
–VEBO
3
V
Collector current
–IC
25
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
–55 to +150
°C
Maximum Thermal Resistance
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on glass fibre printed board (25 x 20 x 1.5) mm3
plated with 35
mm Cu
RthJA
450
K/W


Similar Part No. - BF579R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF579R VISHAY-BF579R Datasheet
124Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 1.5, 05-Sep-08
More results

Similar Description - BF579R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF569 VISHAY-BF569 Datasheet
67Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
BF579 VISHAY-BF579_08 Datasheet
124Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 1.5, 05-Sep-08
BF979 VISHAY-BF979_08 Datasheet
141Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 1.5, 05-Sep-08
BF970 VISHAY-BF970 Datasheet
51Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
BF979 VISHAY-BF979 Datasheet
51Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
logo
Continental Device Indi...
2N3635 CDIL-2N3635 Datasheet
252Kb / 4P
   PNP SILICON PLANAR RF TRANSISTORS
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com