Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

700-SCTN3Z24 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 700-SCTN3Z24
Description  Solid-State Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SCTN3Z24 Datasheet(HTML) 1 Page - Allen-Bradley

  700-SCTN3Z24 Datasheet HTML 1Page - Allen-Bradley 700-SCTN3Z24 Datasheet HTML 2Page - Allen-Bradley 700-SCTN3Z24 Datasheet HTML 3Page - Allen-Bradley 700-SCTN3Z24 Datasheet HTML 4Page - Allen-Bradley 700-SCTN3Z24 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bulletin 700-SC
Solid-State Relays
37
Overview/Product Selection
Product Selection
Bulletin 700-SC
3 A (resistive) Max. Continuous Load (Output) Current
264V AC, 48V DC or 125V DC Max. Load Voltage Range Options
5…24V DC or 110/220V AC Control (Input) Voltage Options
LED Indicator (Optional) For Input/Logic ON/OFF Status Monitoring
700-HN103, 700-HN104, or 700-HN128 Socket Compatible
Compatible with 700-AT1 or 700-AT2 Timer Module
Table Of Contents
Product Selection . . . . . . . 37
Accessories . . . . . . . . . . . . 38
Specifications . . . . . . . . . . 39
Approximate
Dimensions . . . . . . . . . . . . 41
Input-to-Output
Isolation Method
Zero Cross
Function
LED
Indicator
Rated Output (Load)
Max. Current and Voltage
Range
Rated Input Control
Voltage
Cat. No.
Factory-
stocked
Item
(Single
Pack)
Photocoupler
Yes
Yes
3 A @100…240V AC
5…24V DC
700-SCZY3Z25
2 A @ 100…240V AC
100/110V AC
700-SCZY2A1
200/220V AC
700-SCZY2A2
Phototriac
No
3 A @100…240V AC
24V DC
700-SCTY3Z24
Photocoupler
No
3 A @ 4…48V DC
5…24V DC
700-SCNY3Z25
Yes
No
3 A @ 100…240V AC
4…24V DC
700-SCZN3Z26
Phototriac
No
24V DC
700-SCTN3Z24
Photocoupler
N/A
3 A @ 4…48V DC
4…24V DC
700-SCNN3Z26
2 A @ 5…110V DC
5…24V DC
700-SCNN2Z25


Similar Part No. - 700-SCTN3Z24

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-S10 ALLEN-BRADLEY-700-S10 Datasheet
463Kb / 5P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
598Kb / 7P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
463Kb / 5P
   Solid-State Relays
700-S30 ALLEN-BRADLEY-700-S30 Datasheet
598Kb / 7P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
More results

Similar Description - 700-SCTN3Z24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com