Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV21-TAP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAV21-TAP
Description  Small Signal Switching Diodes, High Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV21-TAP Datasheet(HTML) 3 Page - Vishay Siliconix

  BAV21-TAP Datasheet HTML 1Page - Vishay Siliconix BAV21-TAP Datasheet HTML 2Page - Vishay Siliconix BAV21-TAP Datasheet HTML 3Page - Vishay Siliconix BAV21-TAP Datasheet HTML 4Page - Vishay Siliconix BAV21-TAP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAV17 / 18 / 19 / 20 / 21
Document Number 85543
Rev. 1.6, 20-Apr-06
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics
Tamb = 25 °C unless otherwise specified
Package Dimensions in mm (Inches): DO35
Figure 1. Reverse Current vs. Junction Temperature
Figure 2. Forward Current vs. Forward Voltage
040
80
120
160
0.01
0.1
1
10
1000
Tj -Junction Temperature (°C)
200
94 9084
100
Scattering Limit
V
R = VRRM
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9085
Scattering Limit
T
j = 25 °C
Figure 3. Differential Forward Resistance vs. Forward Current
0.1
1
10
1
10
100
1000
I F - Forward Current (mA)
100
94 9089
T
j = 25 °C
94 9366
26 min. [1.024]
3.9 max. [0.154]
26 min. [1.024]
Cathode Identification


Similar Part No. - BAV21-TAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV21-TAP VISHAY-BAV21-TAP Datasheet
123Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 19-Feb-07
More results

Similar Description - BAV21-TAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 02-Aug-12
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.2, 22-Jul-05
BAV200 VISHAY-BAV200_12 Datasheet
177Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 31-Jul-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 2.2, 12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV19W VISHAY-BAV19W Datasheet
99Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 13-May-13
BAV19W-G VISHAY-BAV19W-G Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.8, 02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com