Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2033-C1200P-75K Datasheet(PDF) 9 Page - Allen-Bradley

Part # 2033-C1200P-75K
Description  Safety Isolation System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2033-C1200P-75K Datasheet(HTML) 9 Page - Allen-Bradley

Back Button 2033-C1200P-75K Datasheet HTML 5Page - Allen-Bradley 2033-C1200P-75K Datasheet HTML 6Page - Allen-Bradley 2033-C1200P-75K Datasheet HTML 7Page - Allen-Bradley 2033-C1200P-75K Datasheet HTML 8Page - Allen-Bradley 2033-C1200P-75K Datasheet HTML 9Page - Allen-Bradley 2033-C1200P-75K Datasheet HTML 10Page - Allen-Bradley 2033-C1200P-75K Datasheet HTML 11Page - Allen-Bradley 2033-C1200P-75K Datasheet HTML 12Page - Allen-Bradley 2033-C1200P-75K Datasheet HTML 13Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Safety Isolation System
12-9
ElectroGuard
Combination Systems with Fusible Disconnect Switch
Product Selection for Outside North America (see page 12-19 for Ordering Instructions)
To order the Time Delay feature, add the following Cat. String to the end of the Catalogue Number shown in the table:
Example: Catalogue Number 2032-C0180P
-29B becomes Catalogue Number 2032-C0180P-29B-1TD to include the time delay feature.
* Input Power Feed Catalogue Number Code
The Catalogue Number as listed is incomplete. Select an Input Power Feed Code from the table below.
Example: Catalogue Number 2032*-C0630P
-31B becomes Catalogue Number 2032T-C0630P-31B for a “Top Feed” input power requirement.
! Bussing Designation
The Catalogue Number as listed is incomplete. Select a Bussing Designation Code from the table below.
Example: Catalogue Number 2032-!0085H
-27D becomes Catalogue Number 2032-E0085H-27D for “600A Line Side Incoming Bus and Outgoing Power
Cables” bussing designation.
⊗ Input Line Voltage Code
The Catalogue Number as listed is incomplete. Select an Input Line Voltage Code from the table below.
Example: Catalogue Number 2032-C0085W
-26B becomes Catalogue Number 2032-C0085WN-26B for a 380V 50Hz Input Line Voltage application.
Product Selection: Remote Lockout Station ➍
➊ Power fuses are not included with the disconnect switch. Select power fuses in accordance with applicable local codes.
➋ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine operator
to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off ” position.
Consult your local Rockwell Automation sales office for other time settings.
➌ Bus Type: Copper with tin plating. Consult factory for other types of bussing.
➍ Safety Isolation Systems rated up through 85A can support a maximum of four (4) Remote Lockout Stations (RLS).
Systems rated from 110A - 1200A can support a maximum of six (6) RLS. If additional RLS are required, order the optional Expansion Module(s) (see page 12-16).
Ampere
Rating
(AC-3)
3-Phase Max. kW Rating
(50Hz)
Fuse Clip
Rating/
Type
Catalogue Number
230V 400V 500V 600V
IP 30 Enclosure
IP 54 Enclosure
IP 54 Motor Control
Centre Type
Enclosure (with
bussing)
IP 65 Enclosure
630
200
355
450
500
630A DIN
2032*-C0630P
⊗-30D
2032*-C0630H
⊗-30D
2032-!0630H
⊗30D
2032*-C0630W
⊗-30D
800A BS 88 2032*-C0630P⊗-31B
2032*-C0630H
⊗-31B
2032-!0630H
⊗-31B
2032*-C0630W
⊗-31B
1600A DIN 2032*-C0630P⊗-31D
2032*-C0630H
⊗-31D
2032-!0630H
⊗-31D
2032*-C0630W
⊗-31D
860
250
500
560
600
800A BS 88 2032*-C0860P⊗-31B
2032*-C0860H
⊗-31B
2032-!0860H
⊗-31B
2032*-C0860W
⊗-31B
1250A
BS 88
2032*-C0860P
⊗-32B
2032*-C0860H
⊗-32B
2032-!0860H
⊗-32B
2032*-C0860W
⊗-32B
1600A DIN 2032*-C0860P⊗-31D
2032*-C0860H
⊗-31D
2032-!0860H
⊗-31D
2032*-C0860W
⊗-31D
1200
391
710
888
1043
1250A
BS 88
2032*-C1200P
⊗-32B
2032*-C1200H
⊗-32B
2032-!1200H
⊗-32B
2032*-C1200W
⊗-32B
1600A DIN 2032*-C1200P
⊗-31D
2032*-C1200H
⊗-31D
2032-!1200H
⊗-31D
2032*-C1200W
⊗-31D
Factory set 30 second time delay feature:
-1TD
Input Power Feed
Catalogue Number Code
Top Feed
T
Bottom Feed
B
Type of Bussing ➌
Catalogue Number Code
600A Line Side Incoming Bus and Outgoing Power Cables
E
1200A Line Side Incoming Bus and Outgoing Power Cables
D
Line Side Incoming Power Cables and 600A Load Side Outgoing Bus
H
Line Side Incoming Power Cables and 1200A Load Side Outgoing Bus
R
Input Line Voltage
220V 50Hz
380-400V 50Hz
400-415V 50Hz
440V 50Hz
500V 50Hz
550V 50Hz
Voltage Code for Catalogue Number
AN
G
B
M
C
“System Isolated” Light Colour
Catalogue Number
IP 30 Enclosure
IP 54 Enclosure
IP 65 Enclosure
Green
2030-RLSPG
2030-RLSHG
2030-RLSWG


Similar Part No. - 2033-C1200P-75K

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2033-C0023PX-39K ALLEN-BRADLEY-2033-C0023PX-39K Datasheet
175Kb / 10P
   ElectroGuard
More results

Similar Description - 2033-C1200P-75K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
   Safety Grid System
logo
Silicon Laboratories
SI8285 SILABS-SI8285 Datasheet
845Kb / 32P
   System Safety Features
logo
MORNSUN Science& Techno...
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com