Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

889D-F8AB-5 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 889D-F8AB-5
Description  Cordsets and Patchcords
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

889D-F8AB-5 Datasheet(HTML) 1 Page - Allen-Bradley

  889D-F8AB-5 Datasheet HTML 1Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15-10
Connection Systems
Cordsets and Patchcords
DC Micro Quick-Disconnect Cordset
Features
• 4-, 5- or 8-pin configuration
• Overmolded connector construction for application durability
• Ratcheting coupling nut for vibration resistance
Product Selection
Female Connector (Sensor End)
Cable
Catalogue Number
Face View of Female
Connector Style
Wire
Colour
Wire Rating
Jacket Material
Length—m (ft)
Straight
1 Brown
2 White
3 Blue
4 Black
22AWG
300V
3A
Yellow PVC
2 (6.5)
889D-F4AC-2
5 (16.4)
889D-F4AC-5
10 (32.8)
889D-F4AC-10
15 (49.2)
889D-F4AC-15
20 (65.6)
889D-F4AC-20
30 (98.4)
889D-F4AC-30
1 Brown
2 White
3 Blue
4 Black
5 Grey
2 (6.5)
889D-F5AC-2
5 (16.4)
889D-F5AC-5
10 (32.8)
889D-F5AC-10
15 (49.2)
889D-F5AC-15
20 (65.6)
889D-F5AC-20
30 (98.4)
889D-F5AC-30
1 Red
2 Blue
3 Green
4 Yellow
5 Black
6 White
7 NA
8 Grey
24AWG
36V DC/
30V AC
1.5A
Black TPR
2 (6.5)
889D-F8AC-2
5 (16.4)
889D-F8AC-5
10 (32.8)
889D-F8AC-10
15 (49.2)
889D-F8AC-15
20 (65.6)
889D-F8AC-20
30 (98.4)
889D-F8AC-30
1 White
2 Brown
3 Green
4 Yellow
5 Grey
6 Pink
7 Blue
8 Red
Black PUR
2 (6.5)
889D-F8AB-2
5 (16.4)
889D-F8AB-5
10 (32.8)
889D-F8AB-10
15 (49.2)
889D-F8AB-15
20 (65.6)
889D-F8AB-20
30 (98.4)
889D-F8AB-30
4
3
2
1
1
3
2
5
4
6
3
1
7
4
8
2
5
Specifications
Approximate Dimensions—mm (inches)
Coupling Nut
Epoxy-coated zinc
Connector
Molded oil resistant PVC or PUR
Contacts
Gold over nickel-plated brass
Cable O.D.
4/c = 5mm (0.21in)
5/c = 6.5mm (0.25in)
7/c = 7.4mm (0.29in)
8/c = 7.4mm (0.29in)
Enclosure Rating
IP67, NEMA 6P
Temperature
-20°C to +105°C (-4°F to +221°F): PVC
-25°C to +125°C (-13°F to +256°F):TPR
-20°C to +85°C (-4°F to +185°F): PUR
Dimensions are approximate. Illustrations are not drawn to scale.
Straight Female
15
(0.57)
42 (1.7)


Similar Part No. - 889D-F8AB-5

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
889D-F4ACDM ALLEN-BRADLEY-889D-F4ACDM Datasheet
70Kb / 1P
   Safety Connection Systems
889D-F4ACDM ALLEN-BRADLEY-889D-F4ACDM Datasheet
158Kb / 3P
   Safety Connection Systems
889D-F4ACDM ALLEN-BRADLEY-889D-F4ACDM Datasheet
66Kb / 1P
   Safety Connection Systems
889D-F4ACDM ALLEN-BRADLEY-889D-F4ACDM Datasheet
250Kb / 5P
   898D-43LY-D4
889D-F4DC-H ALLEN-BRADLEY-889D-F4DC-H Datasheet
75Kb / 1P
   Field Attachable Connectors
More results

Similar Description - 889D-F8AB-5

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
889M-F12AH-2 ALLEN-BRADLEY-889M-F12AH-2 Datasheet
34Kb / 1P
   Cordsets and Patchcords
889R-F6ACA-2 ALLEN-BRADLEY-889R-F6ACA-2 Datasheet
33Kb / 1P
   Cordsets and Patchcords
889M-F12AHMU-0M3 ALLEN-BRADLEY-889M-F12AHMU-0M3 Datasheet
43Kb / 1P
   Cordsets and Patchcords
889N-F4AE-6F ALLEN-BRADLEY-889N-F4AE-6F Datasheet
38Kb / 1P
   Cordsets and Patchcords
logo
List of Unclassifed Man...
PS11395 ETC2-PS11395 Datasheet
195Kb / 7P
   Duplex Fibre Patchcords
logo
Switchcraft, Inc.
TTD3R SWITCH-TTD3R Datasheet
309Kb / 3P
   1/4 Longframe & TT/Bantam Patchcords
TTD4GN SWITCH-TTD4GN Datasheet
309Kb / 3P
   1/4 Longframe & TT/Bantam Patchcords
TT2GN SWITCH-TT2GN Datasheet
309Kb / 3P
   1/4 Longframe & TT/Bantam Patchcords
TT1RX SWITCH-TT1RX Datasheet
309Kb / 3P
   1/4 Longframe & TT/Bantam Patchcords
TTD3Y SWITCH-TTD3Y Datasheet
309Kb / 3P
   1/4 Longframe & TT/Bantam Patchcords
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com