Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

700-SKOC2Z25 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 700-SKOC2Z25
Description  Solid-State Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SKOC2Z25 Datasheet(HTML) 4 Page - Allen-Bradley

  700-SKOC2Z25 Datasheet HTML 1Page - Allen-Bradley 700-SKOC2Z25 Datasheet HTML 2Page - Allen-Bradley 700-SKOC2Z25 Datasheet HTML 3Page - Allen-Bradley 700-SKOC2Z25 Datasheet HTML 4Page - Allen-Bradley 700-SKOC2Z25 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bulletin 700-SK
Solid-State Relays
61
Specifications, Continued
Output Module, Continued
Load Current vs. Ambient Temperature Characteristics
➊ Inrush current resistivity is the ability of an SSR to withstand a large surge current for a short period of time. Surges are considered non-repetitive (max. repeatability
once every 2…5 seconds). Keep the inrush current to half the rated value if it occurs repetitively. Exceeding the non-repetitive inrush current will damage the SSR.
Characteristics
Cat. No.
700-SKOZ2Z25
700-SKON2Z25
700-SKOC2Z25
700-SKOC1Z25
Load Switching Method/Device
Triac
Transistor
Pick-up time
1/2 of load power source cycle + 1 ms max.
1 ms max.
Drop-out time
1/2 of load power source cycle + 1 ms max.
2 ms max.
Response frequency
20 Hz
100 kHz
Output ON voltage drop
1.6 V max.
2.5V max.
Leakage current
1.5 mA max.
1 mA max.
VDRM VCEO (V)
600 (ref.value)
600 (ref.value)
80 (ref.value)
400 (ref.value)
Output di/dt (A/uS)
30
30
Output dv/dt (V/uS)
300
300
Output I2t (A2S)
10.4
10.4
Output Tj (°C) Max.
125
125
150
150
Insulation resistance
100 M
Ω min. between input and output
Dielectric strength
4,000V AC, 50/60 Hz for 1 min. between input and output
Vibration resistance (max.)
10…55 Hz, 1.5 mm double amplitude (10 G)
Shock resistance (max.)
1,000 m/s2 (100 G)
Ambient temperature
Operating
Storage
–30…80
°C (–22…176°F) with no icing or condensation
–30…100
°C (–22…212°F) with no icing or condensation
Standards
UL 508
CSA C22.2, CE
TÜV
Ambient humidity
Operating
45…85% (no condensation)
Weight
Approx. 18 g
700-SE05
700-SKOZ / SKON
700-SKOC2
700-SKOZ /SKOC1
For 2 A Versions
0.5
1.5
1
2
0.5
1.5
1
2
˚c
˚c
2000
Inrush Current
Resistivity


Similar Part No. - 700-SKOC2Z25

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-S10 ALLEN-BRADLEY-700-S10 Datasheet
463Kb / 5P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
598Kb / 7P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
463Kb / 5P
   Solid-State Relays
700-S30 ALLEN-BRADLEY-700-S30 Datasheet
598Kb / 7P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
More results

Similar Description - 700-SKOC2Z25

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com