Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

889M-F12X9AE-10 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 889M-F12X9AE-10
Description  Cordsets and Patchcords
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

889M-F12X9AE-10 Datasheet(HTML) 1 Page - Allen-Bradley

  889M-F12X9AE-10 Datasheet HTML 1Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15-13
Connection Systems
Cordsets and Patchcords
M23 Style, 12-Pin Cordset
Features
• 12-pin configuration for SafeShield light curtains and other
applications
• 12 conductor and 9 conductor versions
• Highly visible yellow PVC jacket offers good oil and chemical
resistance
Product Selection
Female Connector
Cable
Catalogue Number
Face View of Female
Connector Style
Wire Colour
Wire Rating
Length—m (ft)
Straight
1 Brown
2 Blue
3 Grey
4 Pink
5 Red
6 Yellow
7 White
8 Red/Blue
9 Black
10 Violet
11 Grey/Pink
12 Green
18AWG
60V
4A
2 (6.5)
889M-F12AH-2
5 (16.4)
889M-F12AH-5
10 (32.8)
889M-F12AH-10
15 (49.2)
889M-F12AH-15
20 (65.6)
889M-F12AH-20
30 (98.4)
889M-F12AH-30
1 Brown
2 NA
3 Blue
4 White
5 NA
6 Green
7 Yellow
8 Grey
9 Pink
10 Red
11 NA
12 Green/Yellow
2 (6.5)
889M-F12X9AE-2
5 (16.4)
889M-F12X9AE-5
10 (32.8)
889M-F12X9AE-10
15 (49.2)
889M-F12X9AE-15
20 (65.6)
889M-F12X9AE-20
30 (98.4)
889M-F12X9AE-30
1
3
2
4
5
6
7
11
12
98
10
Specifications
Approximate Dimensions—mm (inches)
Coupling Nut
Nickel–plated brass
Connector
Molded oil–resistant PUR
Contacts
Gold–plated palladium/nickel
Cable
Oil resistant yellow PVC jacket, 18AWG
conductors, 60V
Cable Approvals
UL recognized and CSA certified
Cable O.D.
9/c: 9.3mm (0.37)
12/c: 10mm (0.41in)
Enclosure Rating
IP67, NEMA 6P
Temperature
-20°C to +80°C (-4°F to +176°F)
M23 x 1
Internal Threads
Length
Dimensions are approximate. Illustrations are not drawn to scale.
26.2
(1.03) Dia.
85 (3.35)


Similar Part No. - 889M-F12X9AE-10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
889M-F12AHMU-0M3 ALLEN-BRADLEY-889M-F12AHMU-0M3 Datasheet
43Kb / 1P
   Cordsets and Patchcords
889M-F12AHMU-0M6 ALLEN-BRADLEY-889M-F12AHMU-0M6 Datasheet
43Kb / 1P
   Cordsets and Patchcords
889M-F12AHMU-1 ALLEN-BRADLEY-889M-F12AHMU-1 Datasheet
43Kb / 1P
   Cordsets and Patchcords
889M-F12AHMU-2 ALLEN-BRADLEY-889M-F12AHMU-2 Datasheet
43Kb / 1P
   Cordsets and Patchcords
889M-F12AHMU-3 ALLEN-BRADLEY-889M-F12AHMU-3 Datasheet
43Kb / 1P
   Cordsets and Patchcords
More results

Similar Description - 889M-F12X9AE-10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
889D-F4AC-2 ALLEN-BRADLEY-889D-F4AC-2 Datasheet
36Kb / 1P
   Cordsets and Patchcords
889R-F6ACA-2 ALLEN-BRADLEY-889R-F6ACA-2 Datasheet
33Kb / 1P
   Cordsets and Patchcords
889M-F12AHMU-0M3 ALLEN-BRADLEY-889M-F12AHMU-0M3 Datasheet
43Kb / 1P
   Cordsets and Patchcords
889N-F4AE-6F ALLEN-BRADLEY-889N-F4AE-6F Datasheet
38Kb / 1P
   Cordsets and Patchcords
logo
List of Unclassifed Man...
PS11395 ETC2-PS11395 Datasheet
195Kb / 7P
   Duplex Fibre Patchcords
logo
Switchcraft, Inc.
TTD3R SWITCH-TTD3R Datasheet
309Kb / 3P
   1/4 Longframe & TT/Bantam Patchcords
TTD4GN SWITCH-TTD4GN Datasheet
309Kb / 3P
   1/4 Longframe & TT/Bantam Patchcords
TT2GN SWITCH-TT2GN Datasheet
309Kb / 3P
   1/4 Longframe & TT/Bantam Patchcords
TT1RX SWITCH-TT1RX Datasheet
309Kb / 3P
   1/4 Longframe & TT/Bantam Patchcords
TTD3Y SWITCH-TTD3Y Datasheet
309Kb / 3P
   1/4 Longframe & TT/Bantam Patchcords
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com