Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2059S Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK2059S
Description  Silicon N-Channel MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2059S Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2059S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
MOSFET
SMD Type
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1Gate
2Drain
3Source
Silicon N-Channel MOSFET
2SK2059S
Features
Low on-resistance
High speed switching
No Secondary Breakdown
Suitable for Switching regulator, DC - DC converter
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
600
V
Gate to source voltage
VGSS
30
V
Drain current
ID
3A
Power dissipation
PD
20
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=500V,VGS=0
100
A
Gate leakage current
IGSS
VGS=
25V,VDS=0
10
A
Gate to source cutoff voltage
VGS(off)
VDS=10V,ID=1mA
2.0
3.0
V
Forward transfer admittance
Yfs
VDS=10V,ID=10A
1.2
2.0
S
Drain to source on-state resistance
RDS(on)
VGS=10V,ID=1A
3.8
5.0
Input capacitance
Ciss
295
pF
Output capacitance
Coss
70
pF
Reverse transfer capacitance
Crss
12
pF
Turn-on delay time
td(on)
8ns
Rise time
tr
25
ns
Turn-off delay time
td(off)
65
ns
Fall time
tf
30
ns
VDS=10V,VGS=0,f=1MHZ
ID=1A,VGS(on)=10V,RL=30


Similar Part No. - 2SK2059S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2059S HITACHI-2SK2059S Datasheet
47Kb / 9P
   Silicon N-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK2059S VBSEMI-2SK2059S Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2059S ISC-2SK2059S Datasheet
378Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2059STL-E RENESAS-2SK2059STL-E Datasheet
208Kb / 10P
   Silicon N Channel MOS FET
Sep 07, 2005
More results

Similar Description - 2SK2059S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com