Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1397-B050N-HA2-DS050-PE Datasheet(PDF) 5 Page - Allen-Bradley

Part # 1397-B050N-HA2-DS050-PE
Description  Digital DC Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

1397-B050N-HA2-DS050-PE Datasheet(HTML) 5 Page - Allen-Bradley

  1397-B050N-HA2-DS050-PE Datasheet HTML 1Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 2Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 3Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 4Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 5Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 6Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 7Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 8Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1397
Digital DC Drive
Allen-Bradley
5
HIM Options
User Installed Options
Inverting Fault Breaker Kit
240V DC Dynamic Brakes, IP00 (No Enclosure)
500V DC Dynamic Brakes, IP00 (No Enclosure)
➊ Dynamic brake hardware (DC loop contactor, control transformer & grids) mounts separately from
the drive chassis. For a more functionally complete description of each option refer to publication
1397-BR001. Dynamic Brake Kits 1397-DB-B400L, -B500L, and -B600L use the Drive contactor.
➋ kW ratings are based on rated input voltage.
Description
Used With . .
Option Code
IP 20 (NEMA/UL Type 1) HIM
All Drives
Blank - No Functionality
-HAB
Programmer Only
-HAP
Programmer/Controller w/Analog Pot
-HA1
Programmer/Controller w/Digital Pot
-HA2
Description
Used With. . .
Catalog Number
Provides inverting fault protection for 400-600 Hp regen-
erative drives. Trip setting adjustable for 400, 500, or 600
Hp Drives. Mounts separately from the Drive Chassis.
400-600 Hp
regenerative
drives.
1397-IFB600
Drive Output
kW (Hp) ➋
Used With. . .
Catalog Number
1.2 (1.5)
1.5 2)
2.2 (3)
3.7 (5)
5.5 (7.5)
7.5 (10)
11 (15)
15 (20)
18.5 (25)
22 (30)
30 (40)
37-45 (50-60)
56 (75)
75 (100)
93 (125)
112 (150)
All 230VAC
Input Drives
1397-DB-A001L
1397-DB-A002L
1397-DB-A003L
1397-DB-A005L
1397-DB-A007L
1397-DB-A010L
1397-DB-A015L
1397-DB-A020L
1397-DB-A025L
1397-DB-A030L
1397-DB-A040L
1397-DB-A060L
1397-DB-A075L
1397-DB-A100L
1397-DB-A125L
1397-DB-A150L
Drive Output
kW (Hp) ➋
Used With. . .
Catalog Number
2.2 (3)
3.7 (5)
5.5 (7.5)
7.5 (10)
11 (15)
15-18.5 (20-25)
22 (30)
30 (40)
37-45 (50-60)
56 (75)
75-93 (100-125)
112 (150)
149 (200)
187 (250)
224 (300)
298 (400)
373 (500)
448 (600)
All 460V AC
Input Drives
1397-DB-B003L
1397-DB-B005L
1397-DB-B007L
1397-DB-B010L
1397-DB-B015L
1397-DB-B025L
1397-DB-B030L
1397-DB-B040L
1397-DB-B060L
1397-DB-B075L
1397-DB-B125L
1397-DB-B150L
1397-DB-B200L
1397-DB-B250L
1397-DB-B300L
1397-DB-B400L
1397-DB-B500L
1397-DB-B600L


Similar Part No. - 1397-B050N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1397 LINER-1397 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Heyco.
1397 HEYCO-1397 Datasheet
95Kb / 1P
   Original Strain Relief Bushings
logo
Weidmuller
1397160000 WEIDMULLER-1397160000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
1397160000 WEIDMULLER-1397160000 Datasheet
1Mb / 52P
   SAK-series
1397160000 WEIDMULLER-1397160000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
More results

Similar Description - 1397-B050N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV2B5-P-NE ETC2-SV2B5-P-NE Datasheet
163Kb / 3P
   Digital Servo Drive
SV2B3-P-NE ETC2-SV2B3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
SV2A3-P-NE ETC2-SV2A3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
BLUAC5-S ETC2-BLUAC5-S Datasheet
193Kb / 3P
   Digital Servo Drive
SV2A5-P-NE ETC2-SV2A5-P-NE Datasheet
162Kb / 3P
   Digital Servo Drive
SV7-S-AE ETC2-SV7-S-AE Datasheet
204Kb / 4P
   Digital Servo Drive
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com