Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1397-B050N-HA2-DS050-PE Datasheet(PDF) 3 Page - Allen-Bradley

Part # 1397-B050N-HA2-DS050-PE
Description  Digital DC Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

1397-B050N-HA2-DS050-PE Datasheet(HTML) 3 Page - Allen-Bradley

  1397-B050N-HA2-DS050-PE Datasheet HTML 1Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 2Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 3Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 4Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 5Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 6Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 7Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 8Page - Allen-Bradley 1397-B050N-HA2-DS050-PE Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1397
Digital DC Drive
Allen-Bradley
3
380/415V AC Product Selection
460V AC Product Selection
➊ Either an “N” (non-regenerative) or an “R” (regenerative) drive must be specified.
➋ At least one of either a Human Interface Module (HIM) or Option 1203-GD2 using DriveTools32™
will be required to program the drive. Chosen option(s) may be ordered factory installed (if
available) or as user installed kits.
➌ kW ratings are based on rated input voltage.
➍ Consult factory for alternate voltages.
➎ For special field voltage requirements refer to the Enhanced Field Supply Option.
➏ Inverting fault protection must be separately supplied external to drive on 400-600 Hp negative.
See user installed option 1397-IFB600.
1397
- U55FN -HA2
-
DS050
-
PE
Bulletin Number
Rating Type
(must be specified)
Control Interface
(must be specified)
AC Line Disconnect
(optional)
Pulse Encoder Interface
(optional)
380/415V AC Drives — IP 00 (Open) — No Enclosure
380V AC Input 415V AC Input
Code
380/415V AC
Rated Line Amps
400/460V DC Rated
Armature Amps
250/270V DC Rated
Field Amps
kW (Hp)
kW (Hp)
1.8 (2.4)
9 (12)
17.9 (24)
2.1(2.8)
10.3(13.8)
20.8(27.6)
U7F__➊
U29F__➊
U55F__➊
10
26
48
7
29
55
10
10
10
35.8 (48)
89.5 (120)
41.2(55.2)
102.9(138)
U110F__➊
U265F__➊
94
226
110
265
15
20
1397
- B003N -HA2
-
DS050
-
PE
Bulletin Number
Rating Type
(must be specified)
Control Interface
(must be specified)
AC Line Disconnect
(optional)
Pulse Encoder Interface
(optional)
Nominal
Drive Rating 460V AC Drives — IP 00 (Open) — No Enclosure
kW (Hp) ➌
Code
460V AC Rated➍
Line Amps
500VDC Rated➍
Armature Amps
300VDC Rated➎
Field Amps
2.2 (3)
3.7 (5)
5.5 (7.5)
B003__➊
B005__➊
B007__➊
10
12
15
6
10
14
10
10
10
7.5 (10)
11 (15)
15 (20)
18.5 (25)
22 (30)
B010__➊
B015__➊
B020__➊
B025__➊
B030__➊
18
24
31
39
45
19
27
35
45
52
10
10
10
10
10
30 (40)
37 (50)
45 (60)
B040__➊
B050__➊
B060__➊
63
74
86
73
86
100
15
15
15
56 (75)
75 (100)
93 (125)
112 (150)
B075__➊
B100__➊
B125__➊
B150__➊
110
143
177
213
129
167
207
250
15
15
15
15
149 (200)
187 (250)
224 (300)
B200__➊
B250__➊
B300__➊
281
351
421
330
412
495
15
15
15
298 (400)
373 (500)
448 (600)
B400__➊➏
B500__➊➏
B600__➊➏
567
680
816
667
800
960
15
15
15


Similar Part No. - 1397-B050N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1397 LINER-1397 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Heyco.
1397 HEYCO-1397 Datasheet
95Kb / 1P
   Original Strain Relief Bushings
logo
Weidmuller
1397160000 WEIDMULLER-1397160000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
1397160000 WEIDMULLER-1397160000 Datasheet
1Mb / 52P
   SAK-series
1397160000 WEIDMULLER-1397160000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
More results

Similar Description - 1397-B050N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV2B5-P-NE ETC2-SV2B5-P-NE Datasheet
163Kb / 3P
   Digital Servo Drive
SV2B3-P-NE ETC2-SV2B3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
SV2A3-P-NE ETC2-SV2A3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
BLUAC5-S ETC2-BLUAC5-S Datasheet
193Kb / 3P
   Digital Servo Drive
SV2A5-P-NE ETC2-SV2A5-P-NE Datasheet
162Kb / 3P
   Digital Servo Drive
SV7-S-AE ETC2-SV7-S-AE Datasheet
204Kb / 4P
   Digital Servo Drive
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com