Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1336R-VB180-AN-HAB Datasheet(PDF) 2 Page - Allen-Bradley

Part # 1336R-VB180-AN-HAB
Description  Line Regeneration Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

1336R-VB180-AN-HAB Datasheet(HTML) 2 Page - Allen-Bradley

  1336R-VB180-AN-HAB Datasheet HTML 1Page - Allen-Bradley 1336R-VB180-AN-HAB Datasheet HTML 2Page - Allen-Bradley 1336R-VB180-AN-HAB Datasheet HTML 3Page - Allen-Bradley 1336R-VB180-AN-HAB Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1336 REGEN
Line Regeneration Package
2
Allen-Bradley
Product Selection
1336 REGEN Catalog Number Explanation
1336 REGEN Package (Includes Converter and Precharge Module)
Required 3% Line Reactor (Supplied Loose for Customer Mounting)
1336 REGEN Brake Example
The diagram below shows the components needed for a 1336 REGEN
brake configuration at 78 Amps. Note that the 1336 REGEN precharge
unit is included in the base catalog number of the 1336 REGEN Line
Regeneration Package. The 3% reactor is also required to provide proper
line impedance.
Factory Installed Options
Interface Options
Code
Description
IP 20 (NEMA Type 1)
HAB
Blank - No Functionality
HAP
Programmer Only
1336R
VB
180
AA
HAB
Bulletin
Number
Drive Rating
(must be specified)
Nominal Current Rating
(must be specified)
Enclosure Type
(must be specified)
Human Interface Module,
(must be specified)
Code
Voltage
VB
380-480VAC,
Three-Phase, 50/60 Hz.
Code
Enclosure
AA
IP 20 (NEMA Type 1)
AN
IP 00 (Open)
Code
kW (Hp)
048
38.4 (48.2)
078
62.3 (78.2)
180
143.7 (180.4)
Frame
Nominal Brake Rating
IP00 (Open)
No Enclosure
IP20 (NEMA Type 1)
General Purpose
Input Amps
Output kW
Code
Code
B
48.2
38.4
VB048-AN
VB048-AA
C
78.2
62.3
VB078-AN
VB078-AA
D
180.4
143.7
VB180-AN
VB180-AA
Frame
Brake Rating
IP00 (Open), No
Enclosure
IP20 (NEMA Type 1), General
Purpose
Catalog Number
Catalog Number
B
VB048
1321-3R55-B
1321-3RA55-B
C
VB078
1321-3R100-B
1321-3RA100-B
D
VB180
1321-3R200-B
1321-3RA200-B
included in REGEN
part number 1336R-VB078
1336R-VB078-AN
1321-3R100-B
3% Line
Reactor
1336
REGEN
Converter
1336
REGEN
Precharge
AC Input
1336
AC Drive
DC
Description
Used with
Option Code
Human Interface Module, IP 20 (NEMA Type 1)
Blank - No Functionality
Programmer Only
IP 00 (Open) and IP 20
(NEMA Type 1) Drives
-HAB
-HAP


Similar Part No. - 1336R-VB180-AN-HAB

ManufacturerPart #DatasheetDescription
logo
Heyco.
1336 HEYCO-1336 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
13360 HEYCO-13360 Datasheet
90Kb / 1P
   Blunt Rivets
13360 HEYCO-13360 Datasheet
90Kb / 1P
   Blunt Rivets
13361 HEYCO-13361 Datasheet
90Kb / 1P
   Blunt Rivets
13361 HEYCO-13361 Datasheet
90Kb / 1P
   Blunt Rivets
More results

Similar Description - 1336R-VB180-AN-HAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-050 ETC2-RC-050 Datasheet
469Kb / 3P
   Regeneration Clamp
logo
Applied Motion Products...
RC-050 AMP-RC-050 Datasheet
85Kb / 2P
   Regeneration Clamp
logo
Nuvoton Technology Corp...
W55RFS27T3 NUVOTON-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
logo
List of Unclassifed Man...
MO-RXLC-A ETC2-MO-RXLC-A Datasheet
111Kb / 4P
   SUPER-REGENERATION RECEIVER MODULE
logo
Nuvoton Technology Corp...
W55RFS27R1B NUVOTON-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
W55RFS27T1B NUVOTON-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
logo
List of Unclassifed Man...
W55RFS27T1B ETC2-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
W55RFS27R1B ETC2-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
W55RFS27T3 ETC2-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
logo
Winbond
W55RFS27R1B WINBOND-W55RFS27R1B Datasheet
259Kb / 15P
   SUPER-REGENERATION RF RECEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com