Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1397-A015N-HA2-DS050-PE Datasheet(PDF) 2 Page - Allen-Bradley

Part # 1397-A015N-HA2-DS050-PE
Description  Digital DC Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

1397-A015N-HA2-DS050-PE Datasheet(HTML) 2 Page - Allen-Bradley

  1397-A015N-HA2-DS050-PE Datasheet HTML 1Page - Allen-Bradley 1397-A015N-HA2-DS050-PE Datasheet HTML 2Page - Allen-Bradley 1397-A015N-HA2-DS050-PE Datasheet HTML 3Page - Allen-Bradley 1397-A015N-HA2-DS050-PE Datasheet HTML 4Page - Allen-Bradley 1397-A015N-HA2-DS050-PE Datasheet HTML 5Page - Allen-Bradley 1397-A015N-HA2-DS050-PE Datasheet HTML 6Page - Allen-Bradley 1397-A015N-HA2-DS050-PE Datasheet HTML 7Page - Allen-Bradley 1397-A015N-HA2-DS050-PE Datasheet HTML 8Page - Allen-Bradley 1397-A015N-HA2-DS050-PE Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1397
Digital DC Drive
2
Allen-Bradley
1397 Product Selection
The 1397 product program includes standard 1397 DC drives rated
from (1.1-448 kW) 1.5-600Hp, offered in both regenerative and non-
regenerative configurations. All drives are supplied chassis mounted –
IP 00 (open) – for user installation. There is a limited offering of
factory mounted options along with a larger offering of option kits for
user installation. All standard products in this program are predefined
and not generally subject to modification. For special requirements
consult Allen-Bradley.
230V AC Input Product Selection
➊ Either an “N” (non-regenerative) or an “R” (regenerative) drive must be specified.
➋ At least one of either a Human Interface Module (HIM) or Option 1203-GD2 using DriveTools32™
will be required to program the drive. Chosen option(s) may be ordered factory installed (if
available) or as user installed kits.
➌ kW ratings are based on rated input voltage.
➍ Consult factory for alternate voltages.
➎ For special field voltage requirements refer to the Enhanced Field Supply Option.
1397
- A001N -
HA2
-
DS050
-
PE
Bulletin Number
Rating Type
(must be specified)
Control Interface
(must be specified)
AC Line Disconnect
(optional)
Pulse Encoder Interface
(optional)
Nominal
Drive Rating 230V AC Drives — IP 00 (Open) — No Enclosure
kW (Hp) ➌
Code
230V AC Rated➍
Line Amps
240VDC Rated➍
Armature Amps
150VDC Rated➎
Field Amps
1.2 (1.5)
1.5 (2)
2.2 (3)
3.7 (5)
5.5 (7.5)
A001__➊
A002__➊
A003__➊
A005__➊
A007__➊
10
11
13
19
26
7
9
12
20
29
10
10
10
10
10
7.5 (10)
11 (15)
15 (20)
18.5 (25)
22 (30)
A010__➊
A015__➊
A020__➊
A025__➊
A030__➊
33
48
63
80
94
38
55
73
93
110
10
10
15
15
15
30 (40)
37 (50)
45 (60)
56 (75)
A040__➊
A050__➊
A060__➊
A075__➊
125
154
186
226
146
180
218
265
15
15
15
15
75 (100)
93 (125)
112 (150)
A100__➊
A125__➊
A150__➊
307
370
443
360
434
521
15
15
15


Similar Part No. - 1397-A015N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1397 LINER-1397 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Heyco.
1397 HEYCO-1397 Datasheet
95Kb / 1P
   Original Strain Relief Bushings
logo
Weidmuller
1397160000 WEIDMULLER-1397160000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
1397160000 WEIDMULLER-1397160000 Datasheet
1Mb / 52P
   SAK-series
1397160000 WEIDMULLER-1397160000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
More results

Similar Description - 1397-A015N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV2B5-P-NE ETC2-SV2B5-P-NE Datasheet
163Kb / 3P
   Digital Servo Drive
SV2B3-P-NE ETC2-SV2B3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
SV2A3-P-NE ETC2-SV2A3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
BLUAC5-S ETC2-BLUAC5-S Datasheet
193Kb / 3P
   Digital Servo Drive
SV2A5-P-NE ETC2-SV2A5-P-NE Datasheet
162Kb / 3P
   Digital Servo Drive
SV7-S-AE ETC2-SV7-S-AE Datasheet
204Kb / 4P
   Digital Servo Drive
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com