Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1587 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK1587
Description  MOS Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK1587 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK1587 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
www.kexin.com.cn
1.80+0.1
-0.1
4.50+0.1
-0.1
0.53+0.1
-0.1
0.48+0.1
-0.1
1.50+0.1
-0.1
0.44+0.1
-0.1
3.00+0.1
-0.1
SOT-89
Unit: mm
1. Base
2. Collector
3. Emiitter
1. Source
2. Drain
3. Gate
1
2
3
1Gate
2Drain
3Source
MOS Field Effect Transistor
2SK1587
Features
Directly driven by Ics having a 3V power supply.
Has low on-state resistance
RDS(on)=0.8
MAX.@VGS=2.5V,ID=0.5A
RDS(on)=0.5
MAX.@VGS=4.0V,ID=1.0A
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
16
V
Gate to source voltage
VGSS
16
V
Drain current (DC)
ID
2.0
A
Drain current(pulse) *
ID
4.0
A
Power dissipation
PD
2.0
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10ms, duty cycle
5%
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=16V,VGS=0
10
A
Gate leakage current
IGSS
VGS=
16V,VDS=0
5.0
A
Gate to source cutoff voltage
VGS(off)
VDS=10V,ID=1mA
0.8
1.2
1.6
V
Forward transfer admittance
Yfs
VDS=5.0V,ID=1.0A
0.4
s
VGS=2.5V,ID=0.5A
0.5
0.8
VGS=4.0V,ID=1.0A
0.3
0.5
Input capacitance
Ciss
180
pF
Output capacitance
Coss
160
pF
Reverse transfer capacitance
Crss
55
pF
Turn-on delay time
td(on)
100
ns
Rise time
tr
700
ns
Turn-off delay time
td(off)
150
ns
Fall time
tf
200
ns
VDS=5.0V,VGS=0,f=1MHZ
ID=1.0A,VGS(on)=3.0V,RL=10
,VDD=10V,RG=10
Drain to source on-state resistance
RDS(on)
Marking
Marking
NF


Similar Part No. - 2SK1587

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1587 NEC-2SK1587 Datasheet
284Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SK1587 RENESAS-2SK1587 Datasheet
510Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1990
logo
Guangdong Kexin Industr...
2SK1587-HF KEXIN-2SK1587-HF Datasheet
1Mb / 3P
   N-Channel MOSFET
2SK1587 KEXIN-2SK1587_15 Datasheet
921Kb / 3P
   N-Channel MOSFET
More results

Similar Description - 2SK1587

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com