Electronic Components Datasheet Search |
|
440K-T11433 Datasheet(PDF) 1 Page - Allen-Bradley |
|
440K-T11433 Datasheet(HTML) 1 Page - Allen-Bradley |
1 / 6 page 3-14 Interlock Switches Tongue Switches Trojan 5 & 6 Description The Trojan family is a universal tongue (or key) actuated safety interlock switch designed to fit at the leading edge of sliding, hinged or lift-off guards. The dual key entry slots and rotatable head, movable only by releasing the cover screws, allow four actuator entry options. The Trojan contains all of the safety related functions—i.e., forced guided contacts, tamper resistant mechanism—allowing the machine to be safeguarded in compliance with the machine directive. Operation of the switch is achieved through the insertion of a specially profiled stainless steel key that is permanently mounted to the leading edge of the guard door. The Trojan actuator includes a self-ejecting mechanism that prevents operation of the switch if the actuator is not mounted to the guard door (e.g., if the operator uses a spare key). The Trojan 6 is available with either 4 N.C. safety contacts, 3 N.C. safety contacts and 1 N.O. auxiliary contact or 2 N.C. safety contacts and 2 N.O. auxiliary contacts. The unit is sealed to IP67 and has three M20 conduit entries. Features • Strong and versatile, can be used in most applications • Self-ejecting tamper resistant actuator, only operates when mounted to the guard • Four possible actuator entry points, easy to install • GD2 style available for demanding applications • Conforms to EN1088, EN292, EN60947-5-1, EN60204-1 Specifications ➊ Conductive pollution occurs, or dry, non conductive pollution occur which becomes conductive due to condensation. Standards EN954-1, ISO13849-1, IEC/EN60204-1, NFPA79, EN1088, ISO14119, IEC/ EN60947-5-1, ANSI B11.19, AS4024.1 Category Cat. 1 Device per EN954-1 Dual channel interlocks suitable for Cat. 3 or 4 systems Approvals CE marked for all applicable directives, cULus and BG Safety Contacts 4 N.C. or 3 N.C. or 2 N.C. direct opening action Designation/Utilization Cat. AC (Ue) (Ie) DC 500V 250V 100V 1A 2A 5A 250V 0.5A 24V 2A Max Switched Current/ Voltage/Load 500V/500VA Thermal Current (lth) 10A Min Current 5V 5mA DC Safety Contact Gap >2 x 2mm (0.078in) Rtd. Insulation Voltage (Ui) 500V Rtd. Impulse withstand Voltage (Uimp) 2500V Auxiliary Contacts 1 N.O. or 2 N.O. Pollution Degree ➊ 3 Actuator Travel for Positive Opening 6mm (0.23in) Min Operating Radius 175mm (6.89in) (60mm) (2.36in) with flexible actuator) Break Contact Min Force 20N (4.5lb) Max Actuation Speed 160mm (6.29in) per sec Max Actuation Frequency 2 Cycle per sec Case Material UL approved glass filled polyester Actuator Material Stainless Steel Protection IP67 Conduit Entry 3 x M20 or quick disconnect style Operating Temperature -20°C to +80°C (-4°F to +176°F) Fixing 2 x M5 Mounting Any position Mechanical Life 1,000,000 operations Electrical Life 1,000,000 operations Weight 160g (0.35lbs) Colour Red |
Similar Part No. - 440K-T11433 |
|
Similar Description - 440K-T11433 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |