Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV301 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAV301
Description  Silicon Epitaxial Planar Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV301 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAV301 Datasheet HTML 1Page - Vishay Siliconix BAV301 Datasheet HTML 2Page - Vishay Siliconix BAV301 Datasheet HTML 3Page - Vishay Siliconix BAV301 Datasheet HTML 4Page - Vishay Siliconix BAV301 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAV300...BAV303
Vishay Telefunken
Rev. 3, 01-Apr-99
2 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85545
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=100mA
VF
1
V
Reverse current
VR=50V
BAV300
IR
100
nA
VR=100V
BAV301
IR
100
nA
VR=150V
BAV302
IR
100
nA
VR=200V
BAV303
IR
100
nA
Tj=100°C, VR= 50V
BAV300
IR
15
mA
Tj=100°C, VR= 100V
BAV301
IR
15
mA
Tj=100°C, VR= 150V
BAV302
IR
15
mA
Tj=100°C, VR= 200V
BAV303
IR
15
mA
Breakdown voltage
IR=100mA, tp/T=0.01,
BAV300
V(BR)
60
V
g
R
m
tp=0.3ms
BAV301
V(BR)
120
V
BAV302
V(BR)
200
V
BAV303
V(BR)
250
V
Diode capacitance
VR=0, f=1MHz
CD
1.5
pF
Differential forward resistance
IF=10mA
rf
5
W
Reverse recovery time
IF=IR=30mA, iR=3mA,
RL=100W
trr
50
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0.01
0.1
1
10
1000
Tj – Junction Temperature ( °C )
200
94 9084
100
Scattering Limit
VR =VRRM
Figure 1. Reverse Current vs. Junction Temperature
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF – Forward Voltage ( V )
2.0
94 9085
Scattering Limit
Tj =25°C
Figure 2. Forward Current vs. Forward Voltage


Similar Part No. - BAV301

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV301 TRSYS-BAV301 Datasheet
138Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
BAV301 PANJIT-BAV301 Datasheet
60Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
Vishay Siliconix
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
logo
Pan Jit International I...
BAV301 PANJIT-BAV301 Datasheet
85Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
Micro Commercial Compon...
BAV301 MCC-BAV301 Datasheet
716Kb / 3P
   Switching Diodes
More results

Similar Description - BAV301

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
Vishay Siliconix
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
   SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
BAS19 SEMTECH_ELEC-BAS19_15 Datasheet
160Kb / 2P
   Silicon Epitaxial Planar Diodes
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
   Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com