Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1582 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK1582
Description  MOS Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK1582 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK1582 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
1GATE
2 SOURCE
3 DRAIN
www.kexin.com.cn
MOS Field Effect Transistor
2SK1582
Features
CanbedrivenbyIcs havinga5V singlepower supply.
Not necessry to consider driving current because of its thgh input impedance.
Possible to reduce the number of parts by omitting the bias resistor
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
20
V
Drain current (DC)
ID
200
mA
Drain current(pulse) *
ID
400
mA
Power dissipation
PD
200
mW
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10ms, duty cycle
5%
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=30V,VGS=0
10
A
Gate leakage current
IGSS
VGS=
20V,VDS=0
10
A
Gate to source cutoff voltage
VGS(off)
VDS=5.0V,ID=10
A
0.9
1.2
1.5
V
Forward transfer admittance
Yfs
VDS=5.0V,ID=10mA
20
60
ms
VGS=4.0V,ID=10mA
2.2
5.0
VGS=10V,ID=10mA
1.4
3.0
Input capacitance
Ciss
28
pF
Output capacitance
Coss
30
pF
Reverse transfer capacitance
Crss
7pF
Turn-on delay time
td(on)
55
ns
Rise time
tr
200
ns
Turn-off delay time
td(off)
180
ns
Fall time
tf
250
ns
VDS=5.0V,VGS=0,f=1MHZ
ID=10mA,VGS(on)=5.0V,RL=500
,VDD=5.0V,RG=10
Drain to source on-state resistance
RDS(on)
Marking
Marking
G15


Similar Part No. - 2SK1582

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1582 NEC-2SK1582 Datasheet
238Kb / 8P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SK1582 RENESAS-2SK1582 Datasheet
725Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1991
logo
Guangdong Kexin Industr...
2SK1582-3 KEXIN-2SK1582-3 Datasheet
1Mb / 3P
   N-Channel MOSFET
2SK1582 KEXIN-2SK1582_15 Datasheet
1Mb / 3P
   N-Channel MOSFET
More results

Similar Description - 2SK1582

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com