Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002K Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2N7002K
Description  N-Channel Enhanceent Mode Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2N7002K Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2N7002K Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
1GATE
2 SOURCE
3 DRAIN
www.kexin.com.cn
Features
Low On-Resistance: RDS(ON)
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
N-Channel Enhanceent Mode
Field Effect Transistor
2N7002K
Absolute Maximum Ratings Ta=25
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
20
Drain Current -Continuous
300
mA
Drain Current -Pulsed
800
mA
Power Dissipation
PD
350
mW
Thermal Resistance, Junction to Ambient
R JA
357
W
Operating and Storage Temperature Range
Tj,TSTG
-65to+150
VGSS
V
ID
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
VGS =0V, ID =10
A
60
V
Zero Gate Voltage Drain Current
IDSS
VDS =60V,VGS =0V
1.0
A
Gate-Body Leakage
IGSS
VGS =
20V, VDS =0V
10
A
Gate Threshold Voltage
VGS(th)
VDS =10V,ID = 1mA
1.0
1.6
2.5
V
VGS =10V,ID = 0.5A
2.0
VGS =5V, ID = 0.05A
3.0
Forward Transfer Admittance
|Yfs|VGS =10V,VDS =0.2V
80
ms
Input Capacitance
Ciss
50
pF
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
5.0
pF
RDS (ON)
VDS =25V,VGS =0V,f=1.0MHz
Static Drain-Source On-Resistance
Marking
Marking
K7K


Similar Part No. - 2N7002K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7002K VISHAY-2N7002K Datasheet
233Kb / 3P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 21-Feb-05
logo
SHENZHEN SLS TECHNOLOGY...
2N7002K SHENZHENSLS-2N7002K Datasheet
307Kb / 1P
   Plastic-Encapsulate MOSFETS
logo
Diodes Incorporated
2N7002K DIODES-2N7002K Datasheet
248Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Nexperia B.V. All right...
2N7002K NEXPERIA-2N7002K Datasheet
347Kb / 13P
   TrenchMOS™ logic level FET
Rev. 01 - 20 October 2003
logo
Formosa MS
2N7002K FORMOSA-2N7002K Datasheet
207Kb / 9P
   N-Channel SMD MOSFET ESD Protection
More results

Similar Description - 2N7002K

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E Datasheet
45Kb / 1P
   N-Channel Enhanceent Mode Field Effect Transistor
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com