Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-AM1201800 Datasheet(PDF) 7 Page - Allen-Bradley

Part # 440L-AM1201800
Description  Safety Light Curtains
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-AM1201800 Datasheet(HTML) 7 Page - Allen-Bradley

  440L-AM1201800 Datasheet HTML 1Page - Allen-Bradley 440L-AM1201800 Datasheet HTML 2Page - Allen-Bradley 440L-AM1201800 Datasheet HTML 3Page - Allen-Bradley 440L-AM1201800 Datasheet HTML 4Page - Allen-Bradley 440L-AM1201800 Datasheet HTML 5Page - Allen-Bradley 440L-AM1201800 Datasheet HTML 6Page - Allen-Bradley 440L-AM1201800 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2-14
Presence Sensing Safety Devices
Safety Light Curtains
GuardShield Type 4
Wiring Diagram
Wiring diagram is not intended to be used for installation purposes.
➊ Auxiliary output is non safety. Can be connected to a lamp, motor or status to a PLC.
To MSR127 Safety Relay Module
K1, K2
Safety relay or safety contactor for OSSD 1 and OSSD 2 connection
S1
Switch for external system test (optional)
S2
Switch for reset of light curtain from start/restart interlock
K1
K2
M
+24V DC
Sender
Receiver
Brown
Red
Gray
OSSD 1
S2
(Start/Restart)
Brown
Black
Machine
Test
Signal
Blue
24V Ground
Auxiliary
Signal
Pink
OSSD 2
Yellow
MPCE/EDM
White
Blue
Green
Bulletin 100S
Safety Contactors
or 700S Safety Relays
S1
Test
A
S52
S12
13
23
33
41
14
24
34
42
A2 S21
S22
S34
3
2
56
7
K4
K5
K4
K5
L1
L2
L3
K4
K5
4
M
+24V
Transmitter
Receiver
OSSD 1
Reset
DC Common
OSSD 2
MSR127
Test


Similar Part No. - 440L-AM1201800

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-AMBRK1 ALLEN-BRADLEY-440L-AMBRK1 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMBRK4 ALLEN-BRADLEY-440L-AMBRK4 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMIRR1 ALLEN-BRADLEY-440L-AMIRR1 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMIRR2 ALLEN-BRADLEY-440L-AMIRR2 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMIRR3 ALLEN-BRADLEY-440L-AMIRR3 Datasheet
119Kb / 6P
   Safety Light Curtains
More results

Similar Description - 440L-AM1201800

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com