Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1179 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1179
Description  PNP Epitaxial Planar Silicon Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1179 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1179 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
PNP Epitaxial Planar Silicon Transistors
2SA1179
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
High breakdown voltage
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-55
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-150
mA
Collector dissipation
PC
200
mW
Jumction temperature
Tj
150
Storage temperature
Tstg
-50 to 150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC = -10ìA , IE =0A
-55
V
Collector-emitter breakdown voltage
VCEO
IC =-1mA,RBE =
-50
V
Emitter-base breakdown voltage
VEBO
IE = -10ìA , IC =0A
-5
V
Collector cutoff current
ICBO
VCB = -35V , IE =0A
-0.1
A
Emitter cutoff current
IEBO
VEB =-4V ,IC =0
-0.1
A
DC current Gain
hFE
VCE =-6V ,IC = -1mA
200
400
Collector-emitter saturation voltage
VCE(sat) IC = -50mA , IB = -5mA
-0.5
V
Base-emitter saturation voltage
VBE(sat) IC = -50mA , IB = -5mA
-1.0
V
Output capacitance
Cob
VCB =-6V ,IE=0 ,f = 1MHz
4.0
pF
Transition frequency
fT
VCE =-6V ,IC = -10mA
180
MHz
Marking
Marking
M


Similar Part No. - 2SA1179

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA1179 JIANGSU-2SA1179 Datasheet
58Kb / 1P
   TRANSISTOR (PNP)
logo
Nanjing International G...
2SA1179 DGNJDZ-2SA1179 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Sanyo Semicon Device
2SA1179 SANYO-2SA1179 Datasheet
169Kb / 4P
   2SA1179 PNP/NPN Transistor
logo
Galaxy Semi-Conductor H...
2SA1179 BILIN-2SA1179 Datasheet
159Kb / 3P
   Silicon Epitaxial Planar Transistor
logo
Rectron Semiconductor
2SA1179 RECTRON-2SA1179 Datasheet
295Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results

Similar Description - 2SA1179

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CP754 CDIL-CP754 Datasheet
148Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907 CDIL-MPS2907 Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559 CDIL-BC559 Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC460 CDIL-BC460 Datasheet
92Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTORS
BFX87 CDIL-BFX87 Datasheet
94Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com