Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-T11224 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440K-T11224
Description  Tongue Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-T11224 Datasheet(HTML) 2 Page - Allen-Bradley

  440K-T11224 Datasheet HTML 1Page - Allen-Bradley 440K-T11224 Datasheet HTML 2Page - Allen-Bradley 440K-T11224 Datasheet HTML 3Page - Allen-Bradley 440K-T11224 Datasheet HTML 4Page - Allen-Bradley 440K-T11224 Datasheet HTML 5Page - Allen-Bradley 440K-T11224 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Interlock Switches
3-15
Tongue Switches
Trojan 5 & 6
Product Selection
Model Type
Contacts
BBM/
MBB
Actuator
M20 Conduit
Quick Disconnect
Safety
Aux.
M20 Conduit
1/2in NPT Adaptor
End
Trojan 5
Standard
2 N.C.
1 N.O.
BBM
Standard
440K-T11090
440K-T11202
440K-T11205
Guide/Semi-Flex
440K-T11110
440K-T11203
440K-T11206
Guide/Fully-Flex
440K-T11467
440K-T11204
440K-T11207
440K-T11089
440K-T11129
BBM
Gold
Contacts
Standard
440K-T11085
MBB
Standard
440K-T11118
440K-T11208
440K-T11224
Guide/Semi-Flex
440K-T11123
440K-T11209
440K-T11363
Guide/Fully-Flex
440K-T11468
440K-T11210
440K-T11364
440K-T11146
440K-T11469
440K-T11365
Trojan 5 GD2
Front Entry
BBM
GD2 Standard
440K-T11336
440K-T11211
440K-T11366
Guide/Semi-Flex
440K-T11337
440K-T11212
440K-T11367
Guide/Fully-Flex
440K-T11338
440K-T11213
440K-T11368
440K-T11147
440K-T11226
MBB
Standard
440K-T11339
440K-T11470
440K-T11369
Guide/Semi-Flex
440K-T11340
440K-T11471
440K-T11370
Guide/Fully-Flex
440K-T11341
440K-T11472
440K-T11371
440K-T11167
440K-T11372
Recommended mating cable for Trojan 5, 2m (6.5ft). See page 15-11 for details and additional lengths.
889R-F6ACA-2


Similar Part No. - 440K-T11224

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-T11267 ALLEN-BRADLEY-440K-T11267 Datasheet
135Kb / 4P
   Tongue Switches
440K-T11268 ALLEN-BRADLEY-440K-T11268 Datasheet
135Kb / 4P
   Tongue Switches
440K-T11269 ALLEN-BRADLEY-440K-T11269 Datasheet
135Kb / 4P
   Tongue Switches
440K-T11270 ALLEN-BRADLEY-440K-T11270 Datasheet
135Kb / 4P
   Tongue Switches
440K-T11273 ALLEN-BRADLEY-440K-T11273 Datasheet
135Kb / 4P
   Tongue Switches
More results

Similar Description - 440K-T11224

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-C21096 ALLEN-BRADLEY-440K-C21096 Datasheet
88Kb / 4P
   Tongue Switches
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com