Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440R-N23122 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440R-N23122
Description  Safety Light Curtains
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440R-N23122 Datasheet(HTML) 4 Page - Allen-Bradley

  440R-N23122 Datasheet HTML 1Page - Allen-Bradley 440R-N23122 Datasheet HTML 2Page - Allen-Bradley 440R-N23122 Datasheet HTML 3Page - Allen-Bradley 440R-N23122 Datasheet HTML 4Page - Allen-Bradley 440R-N23122 Datasheet HTML 5Page - Allen-Bradley 440R-N23122 Datasheet HTML 6Page - Allen-Bradley 440R-N23122 Datasheet HTML 7Page - Allen-Bradley 440R-N23122 Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Presence Sensing Safety Devices
2-29
Safety Light Curtains
Point of Operation Control
Product Selection
6. Safety Relay Interface (used for muting applications)
7. Accessories
Optional
Corner Mirror Selection Table
Specially constructed glass mirrors for 2 and 3 sided safeguarding applications.
Note: Each mirror reduces maximum scan range by 10% per mirror.
Note: For Approximate Dimensions of mirror and mounting stands, see pages 2-20 and 2-21.
Input
Voltage
Reset
Floating
Blanking
Fixed
Blanking
PSDI
Muting
Outputs
More
Details
Catalogue Number
MSR22LM
24V DC
Manual
no
no
yes
yes
2 N.O.
Safety
1 N.C.
Aux.
4-21
440R-P23071
Products
Catalogue Number
Steel L-Mounting bracket, fixed (4 per package)
440L-AF6102
(1 package per system)
Mounting bracket, adjustable (4 per package)
440L-AF6103
(1 package per system)
Mounting bracket, adjustable with shock mount (4 per package)
440L-AF6104
(1 package per system)
Power supply:
Input
85...265V AC
Output
24V DC, 3 Amps
1794-PS3
Laser alignment aid
440L-ALAT
POC adaptor for laser alignment aid
440L-ALBRK
Sliding nuts (4 pieces supplied with POC system)
440L-AF6105
For POC Models
Catalogue Number
300
440L-AM1200300
450
440L-AM1200450
600
440L-AM1200600
750
440L-AM1200750
900
440L-AM1200900
1050
440L-AM1201050
1200
440L-AM1201200
1350
440L-AM1201350
1500
440L-AM1201500
1650 or 1800
440L-AM1201800
Mounting kit for mirrors. Each kit contains 1 bracket with fasteners. Order 2 kits per mirror.
440L-AM120BRK
Mounting stand for mirror and POC (see page 2-21)
440L-AMSTD


Similar Part No. - 440R-N23122

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440R-N23122 ALLEN-BRADLEY-440R-N23122 Datasheet
119Kb / 6P
   Safety Light Curtains
440R-N23122 ALLEN-BRADLEY-440R-N23122 Datasheet
168Kb / 7P
   Safety Light Curtains
440R-N23122 ALLEN-BRADLEY-440R-N23122 Datasheet
263Kb / 12P
   Safety Light Curtains
More results

Similar Description - 440R-N23122

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com