Electronic Components Datasheet Search |
|
2032-X0420HX-30B Datasheet(PDF) 9 Page - Allen-Bradley |
|
2032-X0420HX-30B Datasheet(HTML) 9 Page - Allen-Bradley |
9 / 9 page 12-19 Safety Isolation System ElectroGuard Wire Length Considerations/Ordering Instructions The total wire length for the 5 RLS to be wired to the Control Module will be: 100ft + 400ft + 200ft + 600ft + 1,000ft = 2,300ft Per the table entitled Total Wire Length for Remote Lockout Stations on page 12-18, the maximum allowable wire length for 14AWG wire is 4,600ft for the RLS to be wired to the Control Module. This portion of the installation will be within the maximum wire length permitted. Next, we need to check the wire length calculation for the RLS to be wired to the Expansion Module. For RLS # 6: wire length = 1000ft x 2 = 200ft For RLS # 7: wire length = 850ft x 2 = 1700ft For RLS # 8: wire length = 750ft x 2 = 1500ft The total wire length for the 3 RLS to be wired to the Expansion Module will be: 2000ft + 1700ft + 1500ft = 5,200ft Per the table entitled Total Wire Length for Expansion Modules on page 12-18, the maximum allowable wire length for 14AWG wire is 40,000ft for the RLS to be wired to the Expansion Module. This portion of the installation will also be within the maximum wire length permitted. Ordering Instructions 1. Determine the Catalogue Number of the Safety Isolation System based on the rating of the load(s) to which it will be connected as follows: If the Safety Isolation System is connected to a single motor load, the horsepower or kilowatt rating of the system should be determined as follows: a. Select the Safety Isolation System that meets or exceeds the horsepower or kilowatt rating of the load at the required voltage and frequency. If the Safety Isolation System is connected to two or more motors or one or more motors in combination with other loads, the horsepower or kilowatt rating of the system should be determined as follows: a. Identify the types of loads (i.e. motor, resistive) and the values of the currents of each of the loads (i.e. steady-state current for resistive loads, full-load and locked-rotor currents for motor loads) to be connected to the Safety Isolation System. b. Sum the full-load currents of all the motor loads to be connected to the Safety Isolation System. To this value add the current values of all resistive loads to be connected to the Safety Isolation System. This value is the “combined load full-load current.” c. Find the horsepower or kilowatt rating of a single motor with a full-load current value greater than or equal to the “combined load full-load current” value determined in Step “b”. d. Select the Safety Isolation System that meets or exceeds this horsepower or kilowatt rating at the required voltage and frequency. e. Sum the locked-rotor currents of all the motor loads to be connected to the Safety Isolation System. To this value add the current values of all resistive loads to be connected to the Safety Isolation System. This value is the “combined load locked-rotor current”. f. Find the horsepower or kilowatt rating of a single motor with a locked-rotor current value greater than or equal to the “combined load locked-rotor current” value determined in Step “e”. g. Select the Safety Isolation System that meets or exceeds this horsepower or kilowatt rating at the required voltage and frequency. h. Compare the ratings of the Safety Isolation Systems selected in Steps “d” and “g”. Select the larger of the two systems for your application. 2. Determine how many Remote Lockout Stations are required for the application. 3. Determine how many Expansion Modules (if any) are required for the application. 4. Pick suitable enclosure type(s) for the Safety Isolation System Power Panel, Remote Lockout Stations and enclosed modules (e.g., Expansion Modules, Pneumatic Isolation Module). 5. Determine what, if any, factory installed options are required for the application (e.g. Pneumatic Isolation, Status Communication to remote PLC, metering). |
Similar Part No. - 2032-X0420HX-30B |
|
Similar Description - 2032-X0420HX-30B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |