Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-R4F0018-Q Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440L-R4F0018-Q
Description  Safety Light Curtains
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-R4F0018-Q Datasheet(HTML) 4 Page - Allen-Bradley

  440L-R4F0018-Q Datasheet HTML 1Page - Allen-Bradley 440L-R4F0018-Q Datasheet HTML 2Page - Allen-Bradley 440L-R4F0018-Q Datasheet HTML 3Page - Allen-Bradley 440L-R4F0018-Q Datasheet HTML 4Page - Allen-Bradley 440L-R4F0018-Q Datasheet HTML 5Page - Allen-Bradley 440L-R4F0018-Q Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Presence Sensing Safety Devices
2-49
Safety Light Curtains
Area Access Control
Approximate Dimensions—mm (inches)
Approximate Dimensions are not intended to be used for installation purposes.
50 (1.96)
116 (4.57)
156
(6.14)
34
(1.33)
65
(2.5)
65
(2.5)
14
(0.55)
17.5
(0.68)
128
(5.03)
Pg 13.5
Max Cable O.D. 8-10mm
M6 x 8
(6 places)


Similar Part No. - 440L-R4F0018-Q

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-A2MIRSTND ALLEN-BRADLEY-440L-A2MIRSTND Datasheet
263Kb / 12P
   Safety Light Curtains
440L-A3MIRSTND ALLEN-BRADLEY-440L-A3MIRSTND Datasheet
263Kb / 12P
   Safety Light Curtains
440L-AGWS0160 ALLEN-BRADLEY-440L-AGWS0160 Datasheet
168Kb / 7P
   Safety Light Curtains
440L-AGWS0320 ALLEN-BRADLEY-440L-AGWS0320 Datasheet
168Kb / 7P
   Safety Light Curtains
440L-AGWS0480 ALLEN-BRADLEY-440L-AGWS0480 Datasheet
168Kb / 7P
   Safety Light Curtains
More results

Similar Description - 440L-R4F0018-Q

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com