Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440R-N23134 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440R-N23134
Description  Safety Light Curtains
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440R-N23134 Datasheet(HTML) 1 Page - Allen-Bradley

  440R-N23134 Datasheet HTML 1Page - Allen-Bradley 440R-N23134 Datasheet HTML 2Page - Allen-Bradley 440R-N23134 Datasheet HTML 3Page - Allen-Bradley 440R-N23134 Datasheet HTML 4Page - Allen-Bradley 440R-N23134 Datasheet HTML 5Page - Allen-Bradley 440R-N23134 Datasheet HTML 6Page - Allen-Bradley 440R-N23134 Datasheet HTML 7Page - Allen-Bradley 440R-N23134 Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2-26
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control
Description
Point of Operation Control (POC) safety light curtains are active
opto-electronic protection devices (AOPD) with resolutions of
14mm (0.55in) or 30mm (1.18in).
Allen-Bradley Guardmaster POC safety light curtains are self-
checking and belong to Safety Category 4. They have been designed
for industrial applications and are characterized by:
• High degree of reliability
• Maintenance-free components
•Practical size
• Sturdy modular construction
• Universal application possibilities
• Simple installation
Features
• Maintenance-free operation
• Control-reliable solid-state outputs
• State of the art microprocessor technology with custom-designed
ASICs (Application Specific Integrated Circuits)
• Easy assembly and alignment
• Quick-disconnect mini style connectors
• Long scanning range and high resolution
• Small housing cross section: 52mm x 55mm (2.05in x 2.17in)
• Fast response time
≤15ms
• Large excess gain
• Possibility to daisy-chain two sensors (to prevent personnel from
standing between protective field and the point of operation)
• Construction in compliance with EN 50100 Category 4
(self-checking)
• Tested and approved for USA, Europe, Canada and Japan
Specifications
➊ The POC without using a separate control unit, will operate
in a guard only mode with automatic restart.
Maximum scanning range
6m/18m
(19.69ft/59.06ft)
Resolution (object sensitivity)
14mm/30mm
(0.55in/1.18in)
Maximum height of protective field
1814mm/1832mm
(71.4in/72.1in)
Minimum height of protective field
314mm/332 mm
(12.36in/13.07in)
The optical axis (centre of window) is marked on the end cap.
Standards
EN 50100
Approvals
BG, cULus and CE marked for all
applicable directives
Protected Height
314mm...1832mm (12.3in...72.1in)
Scanning Range
0.3m...6m (0.98ft...19.6ft)/0.3m...18m
(0.98ft...59.0ft)
Resolution
14mm/30mm (0.55in/1.18in)
Enclosure Rating
IP 65
Connection Type
7-pin mini style quick-disconnect on
transmitter and receiver
Supply Voltage Uv
Maximum Residual Ripple
24V DC ± 20%
5 Vss
Power Consumption
0.9...1.5 Amps (no-load)
Synchronization
Optical, without separate
synchronization channel
Outputs
Minimum output voltage
2 x PNP, 0.5 A, short circuit protected
Uv - 2V
Response Time
15ms
Protection
Short circuit and overload
Connection
Maximum wire cross
section
1.0mm2 with jacket
1.5mm2 without jacket
Cable length
60m (196.8ft)
Protection against over-voltage (
1kV)
from Level 3 or higher (IEC 801 part 5;
2 kV)
between PE and +V.
Mode of Operation➊
Guard-only with automatic restart
Safety Category
Type 4 (self-checking)
Requirement
According to EN 50100
Operating Ambient Temp.
0°C to 55°C (32°F to 131°F)
Air Humidity
15%...95% (not condensing)
Storage Temperature
-25°C to 70°C (-13°F to 158°F)
Approximate Dimensions
Height
Housing cross section
Length dependent upon protected
height; (see dimensional drawings)
52 mm x 55 mm (2.05in x 2.17in)


Similar Part No. - 440R-N23134

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440R-N23134 ALLEN-BRADLEY-440R-N23134 Datasheet
104Kb / 4P
   Safety Laser Scanner
440R-N23134 ALLEN-BRADLEY-440R-N23134 Datasheet
119Kb / 6P
   Safety Light Curtains
440R-N23134 ALLEN-BRADLEY-440R-N23134 Datasheet
168Kb / 7P
   Safety Light Curtains
440R-N23134 ALLEN-BRADLEY-440R-N23134 Datasheet
263Kb / 12P
   Safety Light Curtains
More results

Similar Description - 440R-N23134

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com