Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-C21050 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440K-C21050
Description  Tongue Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-C21050 Datasheet(HTML) 4 Page - Allen-Bradley

  440K-C21050 Datasheet HTML 1Page - Allen-Bradley 440K-C21050 Datasheet HTML 2Page - Allen-Bradley 440K-C21050 Datasheet HTML 3Page - Allen-Bradley 440K-C21050 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Interlock Switches
3-9
Tongue Switches
Cadet 3
Typical Wiring Diagrams (shown with guard closed, actuator inserted)
Connector Pinout
2 N.C. + 1 N.O.
3 N.C.
Terminal
Contact
Terminal
Contact
111
N.C.
11
N.C.
512
12
221
N.C.
21
N.C.
622
22
333
N.O.
31
N.C.
434
32
33
34
21
22
11
12
31
32
21
22
11
12
2 N.C. + 1 N.O.
3 N.C.
Contact Open
Contact Closed
Actuator withdrawal distance
from full insertion
11/12
21/22
33/34
3.8
0mm
4.5
11/12
21/22
33/34
3.8
3.3
0mm
11/12
21/22
31/32
3.8
0mm
2 N.C. + 1 N.O. (BBM)
3 N.C.
2 N.C. + 1 N.O. (MBB)
Contact Action


Similar Part No. - 440K-C21050

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-A11094 ALLEN-BRADLEY-440K-A11094 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11094 ALLEN-BRADLEY-440K-A11094 Datasheet
181Kb / 5P
   Accessories
440K-A11095 ALLEN-BRADLEY-440K-A11095 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11095 ALLEN-BRADLEY-440K-A11095 Datasheet
181Kb / 5P
   Accessories
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
135Kb / 4P
   Tongue Switches
More results

Similar Description - 440K-C21050

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-T11090 ALLEN-BRADLEY-440K-T11090 Datasheet
128Kb / 6P
   Tongue Switches
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com