Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440R-N23131 Datasheet(PDF) 6 Page - Allen-Bradley

Part # 440R-N23131
Description  Safety Light Curtains
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440R-N23131 Datasheet(HTML) 6 Page - Allen-Bradley

Back Button 440R-N23131 Datasheet HTML 2Page - Allen-Bradley 440R-N23131 Datasheet HTML 3Page - Allen-Bradley 440R-N23131 Datasheet HTML 4Page - Allen-Bradley 440R-N23131 Datasheet HTML 5Page - Allen-Bradley 440R-N23131 Datasheet HTML 6Page - Allen-Bradley 440R-N23131 Datasheet HTML 7Page - Allen-Bradley 440R-N23131 Datasheet HTML 8Page - Allen-Bradley 440R-N23131 Datasheet HTML 9Page - Allen-Bradley 440R-N23131 Datasheet HTML 10Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Presence Sensing Safety Devices
2-39
Safety Light Curtains
Perimeter Access Control
Approximate Dimensions—mm (inches)
Approximate Dimensions are not intended to be used for installation purposes.
440L
A
B
C
D
E
F
R
T4H-2500-N
500
684
524
80
107
77
500
T4H-3220-N
440
597
437
80
107
50
220
T4H-3400-N
800
985
825
80
107
78
400
T4H-4120-N
360
534
374
80
107
67
120
PAC single beam
P4G 1500-N
500
684
524
80
97
87
500
Alternative Cable Connection PG 9
Cable Dia. 4 to 8 (0.16 to 0.31)
Multiple Beam
Single Beam PAC
Mini
Connector
Mini
Connector
31 (1.22)
21 (0.83)
31 (1.22)
21 (0.83)
E
A
B
R2
R3
R1
Detail A
Cross
Section
Detail A
23
F
(0.91)➊
23
(0.91)➊
27.5
(1.08)
52
(2.05)
55 (2.17)
14
(0.55)
6
(0.24)
3.5 (0.14)
2.2
(0.09)
10.5
(0.41)
6.7
(0.26)
➊ With respect to centre of housing
E
A
B
D
R
C
F
PAC
440L-P4G2502-N


Similar Part No. - 440R-N23131

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440R-N23131 ALLEN-BRADLEY-440R-N23131 Datasheet
104Kb / 4P
   Safety Laser Scanner
440R-N23131 ALLEN-BRADLEY-440R-N23131 Datasheet
119Kb / 6P
   Safety Light Curtains
440R-N23131 ALLEN-BRADLEY-440R-N23131 Datasheet
168Kb / 7P
   Safety Light Curtains
440R-N23131 ALLEN-BRADLEY-440R-N23131 Datasheet
160Kb / 8P
   Safety Light Curtains
More results

Similar Description - 440R-N23131

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com