Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-B04047 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440K-B04047
Description  Guard Locking Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-B04047 Datasheet(HTML) 2 Page - Allen-Bradley

  440K-B04047 Datasheet HTML 1Page - Allen-Bradley 440K-B04047 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Interlock Switches
3-41
Guard Locking Switches
Centurion
Product Selection
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
Typical Wiring Diagrams
Safety Contacts
Auxiliary Contacts
BBM/MBB
Type
Catalogue Number
M20 Conduit
Quick Disconnect
2 N.C.
1 N.O.
BBM
Right Hand
440K-B04025
440K-B04046
Left Hand
440K-B04026
440K-B04047
Right Hand Extended Bolt
440K-B04039
440K-B04048
Left Hand Extended Bolt
440K-B04040
440K-B04049
Recommended mating cable, 2m (6.5ft). See page 15-10 for details and
additional lengths.
889D-F8AB-2
Connector Pinout
2 N.C. + 1 N.O.
Terminal
Contact
111
N.C.
712
621
N.C.
522
433
N.O.
334
8
Ground
RH Style
Front View
LH Style
Front View
View from End
View from Rear
24 (0.94)
View from Side
Ø 20
(0.79)
15
(0.59)
86 (3.39)
6 (0.24)
14
(0.55)
Ø14
(0.55)
6
(0.24)
98 (3.86)
40.5 (1.59)
Safety Circuit 1
Safety Circuit 2
Auxiliary
Contact Open
Contact Closed
Actuator withdrawal distance
from full insertion
11/12
21/22
33/34
24.5
2
2 N.C. + 1 N.O. (BBM)
Contact Action
0mm
3
2
1
4
5
6
8
7


Similar Part No. - 440K-B04047

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-A11094 ALLEN-BRADLEY-440K-A11094 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11094 ALLEN-BRADLEY-440K-A11094 Datasheet
181Kb / 5P
   Accessories
440K-A11095 ALLEN-BRADLEY-440K-A11095 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11095 ALLEN-BRADLEY-440K-A11095 Datasheet
181Kb / 5P
   Accessories
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
135Kb / 4P
   Tongue Switches
More results

Similar Description - 440K-B04047

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440G-S36001 ALLEN-BRADLEY-440G-S36001 Datasheet
123Kb / 4P
   Guard Locking Switches
440G-MT ALLEN-BRADLEY-440G-MT Datasheet
122Kb / 4P
   Guard Locking Switches
440G-L07264 ALLEN-BRADLEY-440G-L07264 Datasheet
103Kb / 4P
   Guard Locking Switches
TLS3-GD2 ALLEN-BRADLEY-TLS3-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
   Guard Locking Interlocks
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
CoolCox Limited All rig...
CCFG8CM COOLCOX-CCFG8CM Datasheet
461Kb / 1P
   Fan Guard
CCFG6CM COOLCOX-CCFG6CM Datasheet
415Kb / 1P
   Fan Guard
CCFG7CM COOLCOX-CCFG7CM Datasheet
442Kb / 1P
   Fan Guard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com