Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-E33076 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 440K-E33076
Description  Tongue Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-E33076 Datasheet(HTML) 3 Page - Allen-Bradley

  440K-E33076 Datasheet HTML 1Page - Allen-Bradley 440K-E33076 Datasheet HTML 2Page - Allen-Bradley 440K-E33076 Datasheet HTML 3Page - Allen-Bradley 440K-E33076 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3-4
Interlock Switches
Tongue Switches
Elf
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
Typical Wiring Diagrams (shown with guard closed, actuator inserted)
Connector Pinout
1 N.C. + 1 N.O.
2 N.C.
Terminal
Contact
Terminal
Contact
111
N.C.
11
N.C.
312
12
223
N.O.
21
N.C.
424
22
25 (0.98)
End Entry
4 (0.16)
4.5
(0.18)
6
(0.24)
6
(0.24)
75 (2.95)
17.5
(0.69)
12.5
(0.49)
1 x M16
12.5
(0.49)
18
(0.71)
16.5
(0.65)
3
(0.12)
Front Entry
34.5 (1.36)
36 (1.42)
4 (0.16)
4.5 (0.18)
R 2.1
75
(2.95)
25 (0.98)
12
11
24
23
12
11
22
21
1 N.C. + 1 N.O.
2 N.C.
3
21
4
Actuator withdrawal distance
from full insertion
Contact Open
Contact Closed
11/12
23/24
60mm
4.2
3.8
11/12
21/22
60mm
4
Contact Action
1 N.C. + 1 N.O. (BBM)
2 N.C.


Similar Part No. - 440K-E33076

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-A11094 ALLEN-BRADLEY-440K-A11094 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11094 ALLEN-BRADLEY-440K-A11094 Datasheet
181Kb / 5P
   Accessories
440K-A11095 ALLEN-BRADLEY-440K-A11095 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11095 ALLEN-BRADLEY-440K-A11095 Datasheet
181Kb / 5P
   Accessories
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
135Kb / 4P
   Tongue Switches
More results

Similar Description - 440K-E33076

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-C21096 ALLEN-BRADLEY-440K-C21096 Datasheet
88Kb / 4P
   Tongue Switches
440K-T11090 ALLEN-BRADLEY-440K-T11090 Datasheet
128Kb / 6P
   Tongue Switches
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com