Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2032-X0085HX-27B Datasheet(PDF) 5 Page - Allen-Bradley

Part # 2032-X0085HX-27B
Description  ElectroGuard
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2032-X0085HX-27B Datasheet(HTML) 5 Page - Allen-Bradley

  2032-X0085HX-27B Datasheet HTML 1Page - Allen-Bradley 2032-X0085HX-27B Datasheet HTML 2Page - Allen-Bradley 2032-X0085HX-27B Datasheet HTML 3Page - Allen-Bradley 2032-X0085HX-27B Datasheet HTML 4Page - Allen-Bradley 2032-X0085HX-27B Datasheet HTML 5Page - Allen-Bradley 2032-X0085HX-27B Datasheet HTML 6Page - Allen-Bradley 2032-X0085HX-27B Datasheet HTML 7Page - Allen-Bradley 2032-X0085HX-27B Datasheet HTML 8Page - Allen-Bradley 2032-X0085HX-27B Datasheet HTML 9Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Safety Isolation System
12-15
ElectroGuard
Combination Systems with Thermal-magnetic Circuit Breaker/Optional Features
Product Selection for Outside of North America (see page 12-19 for Ordering Instructions)
! Bussing Designation
The Catalogue Number as listed is incomplete. Select a Bussing Designation Code from the table below.
Example: Catalogue Number 2033-!0085H
-44K becomes Catalogue Number 2033-E0085H-44K for “600A Line Side Incoming Bus and Outgoing Power
Cables” bussing designation.
Input Line Voltage Code
The Catalogue Number as listed is incomplete. Select an Input Line Voltage Code from the table below.
Example: Catalogue Number 2033-C0085W
-48K becomes Catalogue Number 2033-C0085WN-48K for a 380V 50Hz Input Line Voltage application.
Product Selection: Remote Lockout Station ➋
Optional Features
Pneumatic Isolation Module (Must be ordered with Safety Isolation System):
The Safety Isolation System is available with an optional means of isolating the pneumatic energy source
for the machine or process. If the machine operator/maintenance personnel initiates isolation of the
electrical energy by operating one of the Remote Lockout Stations, a safety valve is simultaneously
actuated to bleed pressure from the air line between the valve and the machine. When the air pressure has
fallen to a predetermined level, the unit will allow the light on the Remote Lockout Station to illuminate,
if electrical isolation has also been achieved.
To order the Pneumatic Isolation option:
Step 1: Add the following Catalogue String to the Safety Isolation System Catalogue Number:
e.g. 2031-A0085JB-1PN to indicate an 85A Safety Isolation System that is to be “Pneumatic Ready.”
Step 2: Order suitably enclosed Pneumatic Isolation Module as separate item:
For North America:
For Outside of North America:
➊ Bus Type: Copper with tin plating. Consult factory for other types of bussing.
➋ Safety Isolation Systems rated up through 85A can support a maximum of four (4) Remote Lockout Stations (RLS).
Systems rated from 110A - 1200A can support a maximum of six (6) RLS. If additional RLS are required, order the optional Expansion Module(s) (see page 12-16).
Type of Bussing ➊
Catalogue Number Code
600A Line Side Incoming Bus and Outgoing Power Cables
E
1200A Line Side Incoming Bus and Outgoing Power Cables
D
Line Side Incoming Power Cables and 600A Load Side Outgoing Bus
H
Line Side Incoming Power Cables and 1200A Load Side Outgoing Bus
R
Input Line Voltage
220V 50Hz
380-400V 50Hz
400-415V 50Hz
440V 50Hz
500V 50Hz
550V 50Hz
Voltage Code for Catalogue Number
AN
G
B
M
C
“System Isolated” Light Colour
Catalogue Number
IP 30 Enclosure
IP 54 Enclosure
IP 65 Enclosure
Green
2030-RLSPG
2030-RLSHG
2030-RLSWG
To indicate that the Safety Isolation
System should be supplied as “Pneumatic
Ready.”
-1PN
Pressure
Range
Valve Port
Size
Catalogue Number
Type 1 General
Purpose Enclosure
Type 12 Dust tight
Enclosure
Type 4 Watertight
Painted Steel Enclosure
Type 4X Watertight
Stainless Steel Enclosure
30-120 psi
1in
2030-PA1201
2030-PJ1201
2030-PF1201
2030-PC1201
3/4in
2030-PA1203
2030-PJ1203
2030-PF1203
2030-PC1203
Pressure Range
Valve Port Size
Catalogue Number
IP 30 Enclosure
IP 54 Enclosure
IP 65 Enclosure
2-7 bar
1in
2030-PP0071
2030-PH0071
2030-PW0071
3/4in
2030-PP0073
2030-PH0073
2030-PW0073


Similar Part No. - 2032-X0085HX-27B

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2032-X0085JX-26J ALLEN-BRADLEY-2032-X0085JX-26J Datasheet
162Kb / 9P
   ElectroGuard
2032-X0085JX-27J ALLEN-BRADLEY-2032-X0085JX-27J Datasheet
162Kb / 9P
   ElectroGuard
More results

Similar Description - 2032-X0085HX-27B

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2033-C0023PX-39K ALLEN-BRADLEY-2033-C0023PX-39K Datasheet
175Kb / 10P
   ElectroGuard
2032-A0023AX-24J ALLEN-BRADLEY-2032-A0023AX-24J Datasheet
162Kb / 9P
   ElectroGuard
2030-RLSAW ALLEN-BRADLEY-2030-RLSAW Datasheet
158Kb / 8P
   ElectroGuard
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com