Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440P-CHLB03R6 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440P-CHLB03R6
Description  Safety Limit Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440P-CHLB03R6 Datasheet(HTML) 1 Page - Allen-Bradley

  440P-CHLB03R6 Datasheet HTML 1Page - Allen-Bradley 440P-CHLB03R6 Datasheet HTML 2Page - Allen-Bradley 440P-CHLB03R6 Datasheet HTML 3Page - Allen-Bradley 440P-CHLB03R6 Datasheet HTML 4Page - Allen-Bradley 440P-CHLB03R6 Datasheet HTML 5Page - Allen-Bradley 440P-CHLB03R6 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7-2
Position Interlock Switches
Safety Limit Switches
Small Plastic Senator
Description
The small plastic Senator safety limit switches conform to EN 50047
and have been developed to provide a range of options including
metal or plastic cases in various sizes, a choice of snap acting, slow
break/make with 2 or 3 contact configurations and a choice of
actuator heads.
The Senator range offers the option of rotating the head in 90°
increments before installation to allow ease of mounting.
Allen-Bradley/Guardmaster limit switches can be used in other
applications other than guard doors, for example on moving
machine beds, crane arms, lifts, elevators, etc.
Operation of these limit switches is achieved by the sliding action of
the guard or other moving object deflecting the plunger or lever. For
safety applications it is important that upon actuation, the guard or
other moving objects should not pass completely over the switch
and allow the plunger or lever to return to its original position.
Features
• Large selection of actuator heads
• Positive operation, forced disconnection of contacts
• Snap-acting, slow make before break or slow break before make
contact blocks
• Contacts 1 N.C. + 1 N.O., 2 N.C. + 1 N.O. 3 N.C.,
2 N.C. + 1 N.O.
• Conforms to EN 50047, EN 1088, EN 60947-5-1, EN 292 and
EN 60204-1
Applications Types
Specifications
➊ Conductive pollution occurs, or dry, non conductive pollution occurs which
becomes conductive due to condensation.
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119, IEC/
EN60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for Cat.
3 or 4 systems
Approvals
cULus, TUV and CE marked for all
applicable directives
Safety Contacts
1 N.C. snap acting, 2 N.C., 3 N.C. or 4
N.C. slow acting
Auxiliary Contacts
1 N.O. (with 2 N.C.)
Designation/Utilization Cat.
A600/AC-15 (Ue)
(Ie)
N600/DC-13 (Ue)
(Ie)
600V 500V 240V 120V
1.2A 1.4A 3A 6A
600V 500V 250V 125V
0.4A 0.55A 1.1A 2.2A
Min Current
5V, 5mA, DC
Thermal Current (lth)
10A
Rated Insulation Voltage
600V AC
Rated Impulse withstand Volt 2500V
Travel for Positive Opening
Various (see Product Selection table)
Max Switching Speed
250mm/s
Min Switching Speed
100mm/min
Max Switching Frequency
6000 operation per hour
Case Material
UL approved glass-filled polybutylene
terephthalate
Roller Material
Various polymers
Enclosure Protection
IP 66
Operating Temperature
Min -25°C (-18°F) Max 80°C (+176°F)
Pollution Degree ➊
3
Mech. Life Expectancy
1 x 107
Conduit Entry
M20 or 1/2in NPT
Fixing
2 x M4
Mounting
Any position
Colour
Red
Operating Examples
Cam Displacement
The actuating cam should be profiled at 30° for optimum operation.
(Note: Plunger-type switches operate from a flat profile.
Adjustable Lever Arms
(A)
30°
30°
30°
60°
60°
30°
30°
60°
60°


Similar Part No. - 440P-CHLB03R6

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
440P-M18002 ALLEN-BRADLEY-440P-M18002 Datasheet
47Kb / 2P
   Safety Limit Switches
440P-MALB04M9 ALLEN-BRADLEY-440P-MALB04M9 Datasheet
232Kb / 6P
   Safety Limit Switches
440P-MALB13M9 ALLEN-BRADLEY-440P-MALB13M9 Datasheet
232Kb / 6P
   Safety Limit Switches
440P-MALB22M9 ALLEN-BRADLEY-440P-MALB22M9 Datasheet
232Kb / 6P
   Safety Limit Switches
More results

Similar Description - 440P-CHLB03R6

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Highly Electric Co., Lt...
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
   EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com