Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-P4D0450-N Datasheet(PDF) 6 Page - Allen-Bradley

Part # 440L-P4D0450-N
Description  Safety Light Curtains
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-P4D0450-N Datasheet(HTML) 6 Page - Allen-Bradley

  440L-P4D0450-N Datasheet HTML 1Page - Allen-Bradley 440L-P4D0450-N Datasheet HTML 2Page - Allen-Bradley 440L-P4D0450-N Datasheet HTML 3Page - Allen-Bradley 440L-P4D0450-N Datasheet HTML 4Page - Allen-Bradley 440L-P4D0450-N Datasheet HTML 5Page - Allen-Bradley 440L-P4D0450-N Datasheet HTML 6Page - Allen-Bradley 440L-P4D0450-N Datasheet HTML 7Page - Allen-Bradley 440L-P4D0450-N Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2-31
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control
Approximate Dimensions—mm (inches)
Approximate Dimensions are not intended to be used for
installation purposes.
Guest
AB
C
D
150
150
200
*
*
300
300
350
190
80
450
450
500
340
80
600
600
650
490
80
750
750
800
640
80
900
900
950
790
80
A
B
28 (1.1)
21 (0.83)
62 (2.44)
C
D
Mini Style
Quick-Disconnect
(approx. 100mm
(3.94in) space
required for
plugging in)
55
52 (2.05)
(2.17)
27.5
(1.08)
Optical Axis = Center of exit window
Note: Approximate Dimensions C & D represent the suggested
distances of mounting brackets.
Protective
Height
A
B
C
D
POC 300
300
384
224
80
POC 450
450
534
374
POC 600
600
684
524
POC 750
750
835
675
POC 900
900
985
825
POC 1050
1050
1135
975
POC 1200
1200
1285
1125
POC 1350
1350
1435
1275
POC 1500
1500
1586
1426
POC 1650
1650
1736
1576
POC 1800
1800
1886
1726
27.5
(1.08)
C
D
B
A
52
(2.05)
31 (1.22)
Guest
55
(2.17)
61
(2.40)


Similar Part No. - 440L-P4D0450-N

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-P4G1500-N ALLEN-BRADLEY-440L-P4G1500-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4G1500M-N ALLEN-BRADLEY-440L-P4G1500M-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4H2500-N ALLEN-BRADLEY-440L-P4H2500-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4H2500M-N ALLEN-BRADLEY-440L-P4H2500M-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4H3220-N ALLEN-BRADLEY-440L-P4H3220-N Datasheet
263Kb / 12P
   Safety Light Curtains
More results

Similar Description - 440L-P4D0450-N

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com