Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440N-A02071 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 440N-A02071
Description  Non contact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440N-A02071 Datasheet(HTML) 3 Page - Allen-Bradley

  440N-A02071 Datasheet HTML 1Page - Allen-Bradley 440N-A02071 Datasheet HTML 2Page - Allen-Bradley 440N-A02071 Datasheet HTML 3Page - Allen-Bradley 440N-A02071 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3-70
Interlock Switches
Non contact Switches
Ferrocode
Typical Wiring Diagrams
Ferrocode Sensor
S21
X1
S22
S14
B2
S13
B1
X2
A2
A1
14 24
13
23 31
L1
K1
L2
K2
L3
32
K1 K2
M
Multiple Sensor Input, Manual Reset,
Dual-Channel Output, Monitored Output
Ferrocode
Ground
Aux
Reset
+24V DC
S21
X1
S22
S14
B2
S13
B1
X2
A2
A1
L1
14
24
13
23 31
L1
K1
L2
K2
L3
32
K1
K2
M
N
Single Sensor Input, Automatic Reset,
Dual-Channel Output, Monitored Output
Ferrocode
Aux
Red
Blue
Black
White
Yellow
Green
+
24V DC
Supply
Safety
N.C.
Safety
N.O.
Note: External Fuse is recommended
when switch is not powered by a
Ferrocode control unit. Recommend
using 24V DC or 110V AC, 300mA fuse.


Similar Part No. - 440N-A02071

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440N-A15005 ALLEN-BRADLEY-440N-A15005 Datasheet
81Kb / 4P
   Non contact Switches
440N-A32019 ALLEN-BRADLEY-440N-A32019 Datasheet
90Kb / 4P
   Non contact Switches
440N-A32020 ALLEN-BRADLEY-440N-A32020 Datasheet
90Kb / 4P
   Non contact Switches
440N-A32025 ALLEN-BRADLEY-440N-A32025 Datasheet
90Kb / 4P
   Non contact Switches
440N-A32041 ALLEN-BRADLEY-440N-A32041 Datasheet
90Kb / 4P
   Non contact Switches
More results

Similar Description - 440N-A02071

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
   Non contact Switches
440N-S32014 ALLEN-BRADLEY-440N-S32014 Datasheet
90Kb / 4P
   Non contact Switches
440N-N15017 ALLEN-BRADLEY-440N-N15017 Datasheet
81Kb / 4P
   Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
SICK AG
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com