Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3435IFE Datasheet(PDF) 6 Page - Linear Technology

Part # LT3435IFE
Description  High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3435IFE Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3435IFE Datasheet HTML 2Page - Linear Technology LT3435IFE Datasheet HTML 3Page - Linear Technology LT3435IFE Datasheet HTML 4Page - Linear Technology LT3435IFE Datasheet HTML 5Page - Linear Technology LT3435IFE Datasheet HTML 6Page - Linear Technology LT3435IFE Datasheet HTML 7Page - Linear Technology LT3435IFE Datasheet HTML 8Page - Linear Technology LT3435IFE Datasheet HTML 9Page - Linear Technology LT3435IFE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3435
6
3435fa
3435 G19
3.5
0
4.0
2.5
3.0
1.5
2.0
0.5
1.0
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
LOAD CURRENT = 250mA
VOUT = 3.3V
BOOST DIODE = DIODES INC DFLS160
LOAD CURRENT = 2.5A
3435 G20
5
0
6
3
4
1
2
INPUT VOLTAGE (V)
2 2.5 3 3.5 4 4.5 5 5.5
6.5 7 7.5
6
VOUT = 5V
BOOST DIODE = DIODES INC DFLS160
LOAD CURRENT = 2.5A
LOAD CURRENT = 250mA
No Load 2A Step Response
Step Response
VOUT
200mV/DIV
AC-COUPLED
IOUT
1A/DIV
VIN = 12V
500
µs/DIV
3435 G23
VOUT = 3.3V
COUT = 100µF
VOUT
200mV/DIV
AC-COUPLED
IOUT
1A/DIV
VIN = 12V
500
µs/DIV
3435 G24
VOUT = 3.3V
COUT = 100µF
ILOAD(DC) = 500mA
NC (Pin 1): No Connection.
SW (Pins 2, 5): The SW pin is the emitter of the on-chip
power NPN switch. This pin is driven up to the input pin
voltage during switch on time. Inductor current drives the
SW pin negative during switch off time. Negative voltage
is clamped with the external catch diode. Maximum nega-
tive switch voltage allowed is –0.8V.
VIN (Pins 3, 4): This is the collector of the on-chip power
NPN switch. VIN powers the internal control circuitry when
a voltage on the BIAS pin is not present. High di/dt edges
occur on this pin during switch turn on and off. Keep the
path short from the VIN pin through the input bypass
capacitor, through the catch diode back to SW. All trace
PI FU CTIO S
TYPICAL PERFOR A CE CHARACTERISTICS
inductance on this path will create a voltage spike at switch
off, adding to the VCE voltage across the internal NPN.
BOOST (Pin 6): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal
bipolar NPN power switch. Without this added voltage, the
typical switch voltage loss would be about 1.5V. The
additional BOOST voltage allows the switch to saturate
and its voltage loss approximates that of a 0.1
Ω FET
structure.
CT (Pin 7): A capacitor on the CT pin determines the amount
of delay time between the PGFB pin exceeding its thresh-
old (VPGFB) and the PG pin set to a high impedance state.
Burst Mode Operation
Burst Mode Operation
VOUT
50mV/DIV
AC-COUPLED
ISW
500mA/DIV
VIN = 12V
10ms/DIV
3435 G21
VOUT = 3.3V
VOUT
50mV/DIV
AC-COUPLED
ISW
500mA/DIV
VIN = 12V
10
µs/DIV
3435 G22
VOUT = 3.3V
Dropout Operation
Dropout Operation


Similar Part No. - LT3435IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3435 LINER-LT3435 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3435 LINER-LT3435 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
More results

Similar Description - LT3435IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3431 LINER-LT3431 Datasheet
256Kb / 28P
   High Voltage, 3A,500kHz Step-Down Switching Regulator
LT3431 LINER-LT3431_15 Datasheet
262Kb / 28P
   High Voltage, 3A, 500kHz Step-Down Switching Regulator
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3995 LINER-LT3995_15 Datasheet
352Kb / 24P
   60V, 3A, 2MHz Step-Down Switching Regulator with 2.7A Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT8612 LINER-LT8612_15 Datasheet
400Kb / 20P
   42V, 6A Synchronous Step-Down Regulator with 3A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com