Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440T-AIPB45 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440T-AIPB45
Description  Prosafe Trapped Key Interlock Switches Exchange Units
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440T-AIPB45 Datasheet(HTML) 1 Page - Allen-Bradley

  440T-AIPB45 Datasheet HTML 1Page - Allen-Bradley 440T-AIPB45 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-18
Prosafe Trapped Key Interlock Switches
Exchange Units
Description
The key exchange unit (KEX) is used in an interlocking sequence to
link together other devices in the Prosafe range and caters to more
complex operating sequences.
The operating principle is such that no secondary keys can be
removed from the unit until all primary keys have been inserted,
rotated, and trapped. The primary keys remain trapped until all
secondary keys have been re-inserted, rotated, and trapped.
It is typically used in applications where there is more than one
access way to the hazardous area, and each access way must be open
at the same time. The key exchange unit accomplishes this by
allowing one or more keys to be inserted which then releases
multiple keys out.
A typical process may require a rotary key switch to turn a motor off.
The key from the rotary switch is removed and inserted into a KEX.
The KEX then releases three keys which would allow simultaneous
access to the hazard area through three different gates. This KEX is
described as 1 key in 3 keys out. The keys in are considered primary
codes, so the keys are not included in the KEX. The keys out are
considered secondary codes, so the keys are included.
Features
• A range of off-the-shelf units in various combinations
• 316L Stainless steel construction
• Primary key(s) in release secondary keys simultaneously on
units up to 6 way
• Weatherproof stainless steel dust cap as standard
• Replaceable code barrel assembly
The Prosafe Advantage
Stainless steel
construction.
Specifications
Accessories
Standards
EN292-1&2, EN1088, ISO12100-1&2,
ISO14119, AS4024.1
Category
Cat. 1 per EN 954-1 (ISO 13849-1)
Suitable for Cat. 2, 3, or 4 systems
Approvals
BG, CE marked for all applicable
directives and C-Tick not required
Operating Temperature
-40°C to +200°C (-40°F to +392°F)
Mechanical Operations
100,000
Max. Shear Force to Key
15.1kN (3398lbs)
Max. Torque to Key
14Nm (124lb•in)
Humidity
95% RH
Material
316L Stainless steel
Optional Key Exchange Cabinets
No. of
Keys
LW
D
Catalogue
Number
mm (inches)
Painted Mild Steel
11 way
(max)
400
(15.7)
300
(11.8)
200
(7.87)
440T-AIPB30
15 way
(max)
400
(15.7)
400
(15.7)
210
(8.26)
440T-AIPB33
25 way
(max)
600
(23.6)
600
(23.6)
210
(8.26)
440T-AIPB34
40 way
(max)
800
(31.4)
800
(31.4)
210
(8.26)
440T-AIPB35
Stainless Steel
15 way
(max)
400
(15.7)
400
(15.7)
210
(8.26)
440T-AIPB40
25 way
(max)
600
(23.6)
600
(23.6)
210
(8.26)
440T-AIPB44
40 way
(max)
800
(31.4)
800
(31.4)
210
(8.26)
440T-AIPB45


Similar Part No. - 440T-AIPB45

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-AIPB10 ALLEN-BRADLEY-440T-AIPB10 Datasheet
100Kb / 2P
   Solenoid Release Units
440T-AIPB20 ALLEN-BRADLEY-440T-AIPB20 Datasheet
110Kb / 2P
   Electronic Timed-Delay Units
440T-AIPB20 ALLEN-BRADLEY-440T-AIPB20 Datasheet
111Kb / 2P
   Stopped Motion Units
440T-AIPB22 ALLEN-BRADLEY-440T-AIPB22 Datasheet
100Kb / 2P
   Solenoid Release Units
440T-AIPB23 ALLEN-BRADLEY-440T-AIPB23 Datasheet
110Kb / 2P
   Electronic Timed-Delay Units
More results

Similar Description - 440T-AIPB45

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-AKEYE10 ALLEN-BRADLEY-440T-AKEYE10 Datasheet
72Kb / 1P
   Prosafe Trapped Key Interlock Switches Accessories
logo
GREEGOO Electric Co.,Lt...
CZ-93BPG GREEGOO-CZ-93BPG Datasheet
1Mb / 2P
   Safety Key Interlock Switch
logo
C&K Components
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
   Door Interlock Switches
11TL602 CK-COMPONENTS-11TL602 Datasheet
238Kb / 3P
   Door Interlock Switches
DS-SERIES CK-COMPONENTS-DS-SERIES Datasheet
142Kb / 3P
   Interlock Pushbutton Switches
logo
ITT Industries
11TL602 ITT-11TL602 Datasheet
331Kb / 3P
   Door Interlock Switches
logo
C&K Components
DSSNAP CK-COMPONENTS-DSSNAP Datasheet
229Kb / 3P
   Interlock Snap Switches
31 oct 16
TL CK-COMPONENTS-TL Datasheet
508Kb / 3P
   Door Interlock Switches
DS CK-COMPONENTS-DS Datasheet
234Kb / 3P
   Interlock Snap Switches
31 oct 16
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com