Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440T-MDBLE13 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440T-MDBLE13
Description  Bolt Interlocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440T-MDBLE13 Datasheet(HTML) 1 Page - Allen-Bradley

  440T-MDBLE13 Datasheet HTML 1Page - Allen-Bradley 440T-MDBLE13 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-20
Prosafe Trapped Key Interlock Switches
Bolt Interlocks
Description
The bolt interlocks are designed to allow access to hazardous areas
when an appropriate key is inserted into the interlock. These bolt
interlocks are manufactured in 316L stainless steel to provide a
rugged, industrial grade method of helping prevent access through
gates.
One advantage of the bolt interlocks is that there is no need to run
power wires to the gate. Power is disconnected by a trapped key
rotary switch on a control panel and the key is then hand-carried to
the gate by the operator.
The Single Bolt interlock (SBL) is designed to be used to access
hazardous areas where partial body exposure is required. The SBL is
not shipped with a key. If two keys are needed for partial body
access, select the Dual Bolt interlock (DBL) that requires both keys
to be trapped to operate. This version of the DBL does not include
the keys.
When whole body access is needed, the DBL, with one primary key
and one secondary trapped key (included) should be used. The
secondary key serves the function of a personnel key. This DBL
allows the operator to carry the personnel key into the hazardous
area. When the operator returns from the hazardous area and
returns the personnel key to the DBL, the locking sequence can be
reversed and the process re-started.
Features
• 316L Stainless steel construction
• Single or dual key units
• Various extensions of bolt
• Direct drive push/pull operation
• Replaceable code barrel assembly
• Fitted with tamper resistant screws
• Weatherproof stainless steel dust cap as standard
The Prosafe Advantage
Single
Dual
Stainless steel
construction.
Specifications
Standards
EN292-1&2, EN1088, ISO12100-1&2,
ISO14119, AS4024.1
Category
Cat. 1 per EN 954-1 (ISO 13849-1)
Suitable for Cat. 2, 3, or 4 systems
Approvals
BG, CE marked for all applicable
directives and C-Tick not required
Operating Temperature
-40°C to +200°C (-40°F to +392°F)
Mechanical Operations
100,000
Max. Shear Force to Key
15.1kN (3398lbs)
Max. Torque to Key
14Nm (124lb•in)
Humidity
95% RH
Weight
(SBL) 0.60kg (1.32lbs)
(DBL) 1.10kg (2.43lbs)
Material
316L Stainless Steel
Mounting
SBL
DBL
2 x M5 Counterbored from Top or
2 x M5 from Underside with M5 Nuts
4 x M5 Counterbored from Top or
4 x M5 from Underside with M5 Nuts
Bolt
15mm (0.59in) Ø


Similar Part No. - 440T-MDBLE13

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MDALE10 ALLEN-BRADLEY-440T-MDALE10 Datasheet
87Kb / 2P
   Access/Chain Interlocks
440T-MDALE11 ALLEN-BRADLEY-440T-MDALE11 Datasheet
87Kb / 2P
   Access/Chain Interlocks
440T-MDCLE10 ALLEN-BRADLEY-440T-MDCLE10 Datasheet
87Kb / 2P
   Access/Chain Interlocks
440T-MDCLE11 ALLEN-BRADLEY-440T-MDCLE11 Datasheet
87Kb / 2P
   Access/Chain Interlocks
440T-MDMSE10 ALLEN-BRADLEY-440T-MDMSE10 Datasheet
111Kb / 2P
   Stopped Motion Units
More results

Similar Description - 440T-MDBLE13

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS3-GD2 ALLEN-BRADLEY-TLS3-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
440T-VMVLE10 ALLEN-BRADLEY-440T-VMVLE10 Datasheet
56Kb / 1P
   Miniature Valve Interlocks
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
MSR9R ALLEN-BRADLEY-MSR9R Datasheet
26Kb / 1P
   Position (Limit) Interlocks
440T-MSALE10 ALLEN-BRADLEY-440T-MSALE10 Datasheet
87Kb / 2P
   Access/Chain Interlocks
logo
Hubbell Incorporated.
P0010259P HUBBELL-P0010259P Datasheet
372Kb / 1P
   Anchor Tool Bolt
logo
Littelfuse
HSB LITTELFUSE-HSB Datasheet
155Kb / 1P
   Bolt-down Fuses
04980900ZXT LITTELFUSE-04980900ZXT Datasheet
174Kb / 1P
   Bolt-down Fuseholders - Fuseholder for BF1 Style Bolt-down Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com