Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

872C-D3NN12-E2 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 872C-D3NN12-E2
Description  Stopped Motion Units
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

872C-D3NN12-E2 Datasheet(HTML) 2 Page - Allen-Bradley

  872C-D3NN12-E2 Datasheet HTML 1Page - Allen-Bradley 872C-D3NN12-E2 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prosafe Trapped Key Interlock Switches
5-17
Stopped Motion Units
Product Selection (sensors not included)
Substitute the desired primary code for this symbol (key not included). See page 5-6 for code selection.
Accessories
➊ Substitute the desired primary code for this symbol (key not included). See page 5-6 for code selection.
Substitute the desired code for this symbol. See page 5-6 for code selection.
Approximate Dimensions—mm (inches)
Type
Solenoid Voltage
Contact Set 1
Contact Set 2
Catalogue Number
Single Key Out
Panel Mounted
24V DC
3 N.O. 40A
1 N.O. 20A
440T-MSMSE10➊
2 N.O. 20A
1 N.C. 20A
440T-MSMSE11➊
110V AC
3 N.O. 40A
1 N.O. 20A
440T-MSMSE20➊
2 N.O. 20A
1 N.C. 20A
440T-MSMSE22➊
230V AC
3 N.O. 40A
1 N.O. 20A
440T-MSMSE30➊
2 N.O. 20A
1 N.C. 20A
440T-MSMSE33➊
Dual Key Out
Panel Mounted
24V DC
3 N.O. 40A
1 N.O. 20A
440T-MDMSE10➊➊
2 N.O. 20A
1 N.C. 20A
440T-MDMSE11➊➊
110V AC
3 N.O. 40A
1 N.O. 20A
440T-MDMSE20➊➊
2 N.O. 20A
1 N.C. 20A
440T-MDMSE22➊➊
230V AC
3 N.O. 40A
I N.O. 20A
440T-MDMSE30➊➊
2 N.O. 20A
1 N.C. 20A
440T-MDMSE33➊➊
Description
Size
Type
Page Number
Catalogue Number
Replacement Key
—5-33
440T-AKEYE10
Replacement Code Barrel
440T-ASCBE14➊
Replacement Dust Cap
440T-ASFC10
Replacement Fuse
250V 500mA
NA
440R-A31562
Optional IP65 Plastic
Enclosure
For use with 20A units
440T-AIPB20
For use with 40A units
440T-AIPB23
Inductive Proximity
Sensors
12mm
NPN
4-67
872C-D3NN12-E2
PNP
872C-D3NP12-E2
18mm
NPN
872C-D5NN18-E2
PNP
872C-D5NP18-E2
30mm
NPN
872C-D10NN30-E2
PNP
872C-D10NP30-E2
250 (9.84)
216 (8.50)
90 (3.54)
118 (4.65)
98 (3.86)
95 (3.74)
8 Holes 4.6
(0.18) Dia.
Nonremovable Key
One Key for STU
(key not included)
226 (8.90)
Two Keys for DTU
(keys not included)
Optional ABS Box
(440T-AIPB20) for
20 Amp Isolator
Optional ABS Box
(440T-AIPB23) for
40 Amp Isolator
300 (11.81)
110 (4.33)


Similar Part No. - 872C-D3NN12-E2

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
872-36-3 WINCHESTER-872-36-3 Datasheet
74Kb / 1P
   JACK, BULKHEAD, SMA
872-57-3 WINCHESTER-872-57-3 Datasheet
67Kb / 1P
   JACK, BULKHEAD, SMA
logo
Oscilent Corporation
872-RF453.5M-B OSCILENT-872-RF453.5M-B Datasheet
141Kb / 5P
   CDMA 450 H-Band, RF/Tx SAW Filter
872-RF455.0M-C OSCILENT-872-RF455.0M-C Datasheet
135Kb / 5P
   CDMA 450 A-Band, RF/Tx SAW Filter
872-RF463.5M-C OSCILENT-872-RF463.5M-C Datasheet
141Kb / 5P
   Electrostatic Sensitive Device
More results

Similar Description - 872C-D3NN12-E2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC201 AD-ADMC201_15 Datasheet
589Kb / 15P
   Motion Coprocessor
REV. B
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FNB34060T ONSEMI-FNB34060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSBB15CH120D ONSEMI-FSBB15CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB20CH120D ONSEMI-FSBB20CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
logo
List of Unclassifed Man...
MC2100 ETC-MC2100 Datasheet
2Mb / 58P
   Motion Processors
logo
Microchip Technology
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
   Motion Module
07/14/15
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
   Motion Module
07/14/15
logo
ON Semiconductor
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
   Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com