Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3430 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3430
Description  High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 1 Page - Linear Technology

  LT3430 Datasheet HTML 1Page - Linear Technology LT3430 Datasheet HTML 2Page - Linear Technology LT3430 Datasheet HTML 3Page - Linear Technology LT3430 Datasheet HTML 4Page - Linear Technology LT3430 Datasheet HTML 5Page - Linear Technology LT3430 Datasheet HTML 6Page - Linear Technology LT3430 Datasheet HTML 7Page - Linear Technology LT3430 Datasheet HTML 8Page - Linear Technology LT3430 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3430/LT3430-1
1
34301fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Voltage, 3A,
200kHz/100kHz Step-Down
Switching Regulators
The LT®3430/LT3430-1 are monolithic buck switching
regulators that accept input voltages up to 60V. A high ef-
ficiency 3A, 0.1Ω switch is included on the die along with
all the necessary oscillator, control and logic circuitry. A
current mode architecture provides fast transient response
and excellent loop stability.
Special design techniques and a new high voltage process
achieve high efficiency over a wide input range. Efficiency
is maintained over a wide output current range by using
the output to bias the circuitry and by utilizing a supply
boost capacitor to saturate the power switch. Patented
circuitry* maintains peak switch current over the full duty
cycle range. A shutdown pin reduces supply current to
30µA and a SYNC pin can be externally synchronized with
a logic level input from 228kHz to 700kHz for the LT3430
or from 125kHz to 250kHz for the LT3430-1.
The LT3430/LT3430-1 are available in a thermally enhanced
16-pin TSSOP package.
5V, 2A Buck Converter
Wide Input Range: 5.5V to 60V
3A Peak Switch Current over All Duty Cycles
Constant Switching Frequency:
200kHz (LT3430)
100kHz (LT3430-1)
0.1Ω Switch Resistance
Current Mode
Effective Supply Current: 2.5mA
Shutdown Current: 30µA
1.2V Feedback Reference Voltage
Easily Synchronizable
Cycle-by-Cycle Current Limiting
Small, 16-Pin Thermally Enhanced TSSOP Package
Industrial and Automotive Power Supplies
Portable Computers
Battery Chargers
Distributed Power Systems
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
*US Patent # 6498466
Efficiency vs Load Current
BOOST
VIN
30BQ060
15.4k
VOUT
5V
2A
220pF
0.022
µF
*FOR INPUT VOLTAGES BELOW 7.5V, SOME RESTRICTIONS MAY APPLY
** SEE LT3430-1 CIRCUIT IN APPLICATIONS INFORMATION SECTION
LT3430**
SHDN
SYNC
SW
BIAS
FB
VC
GND
0.68
µF
100
µF 10V
SOLID
TANTALUM
22
µH
MMSD914TI
4.99k
3430 TA01
4.7
µF
100V
ON
OFF
VIN
5.5V*
TO 60V
+
3.3k
LOAD CURRENT (A)
0
80
90
100
2.0
3430 TA02
70
60
50
0.5
1.0
1.5
2.5
VIN = 12V
VIN = 42V
VOUT = 5V
LT3430-1 L = 68
µH
LT3430 L =27
µH


Similar Part No. - LT3430

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
LT3430 LINER-LT3430 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3430 LINER-LT3430 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3430 LINER-LT3430 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3430 LINER-LT3430 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT3430

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3430 LINER-LT3430_15 Datasheet
332Kb / 28P
   High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
LT3430-1 LINER-LT3430-1_15 Datasheet
332Kb / 28P
   High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com