Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3430-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3430-1
Description  High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3430-1 Datasheet HTML 7Page - Linear Technology LT3430-1 Datasheet HTML 8Page - Linear Technology LT3430-1 Datasheet HTML 9Page - Linear Technology LT3430-1 Datasheet HTML 10Page - Linear Technology LT3430-1 Datasheet HTML 11Page - Linear Technology LT3430-1 Datasheet HTML 12Page - Linear Technology LT3430-1 Datasheet HTML 13Page - Linear Technology LT3430-1 Datasheet HTML 14Page - Linear Technology LT3430-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3430/LT3430-1
11
34301fa
Peak switch and inductor current can be significantly higher
than output current, especially with smaller inductors
and lighter loads, so don’t omit this step. Powdered iron
cores are forgiving because they saturate softly, whereas
ferrite cores saturate abruptly. Other core materials fall
somewhere in between. The following formula assumes
continuous mode of operation, but errs only slightly on
the high side for discontinuous mode, so it can be used
for all conditions.
II
I
I
VV
V
Vf L
PEAK
OUT
LP P
OUT
OUT
IN
OUT
IN
=+
=+ ()(
)
()( )( )()
-
22
EMI
Decide if the design can tolerate an “open” core geometry
like a rod or barrel, which have high magnetic field radiation,
or whether it needs a closed core like a toroid to prevent
EMI problems. This is a tough decision because the rods
or barrels are temptingly cheap and small and there are
no helpful guidelines to calculate when the magnetic field
radiation will be a problem.
Additional Considerations
After making an initial choice, consider additional factors
such as core losses and second sourcing, etc. Use the
experts in Linear Technology’s Applications department
if you feel uncertain about the final choice. They have ex-
perience with a wide range of inductor types and can tell
you about the latest developments in low profile, surface
mounting, etc.
Maximum Output Load Current
Maximum load current for a buck converter is limited by
the maximum switch current rating (IP). The current rating
for the LT3430/LT3430-1 is 3A. Unlike most current mode
converters, the LT3430/LT3430-1 maximum switch current
limit does not fall off at high duty cycles. Most current
mode converters suffer a drop off of peak switch current
for duty cycles above 50%. This is due to the effects of
slope compensation required to prevent subharmonic
oscillations in current mode converters. (For detailed
analysis, see Application Note 19.)
The LT3430/LT3430-1 are able to maintain peak switch
current limit over the full duty cycle range by using patented
circuitry* to cancel the effects of slope compensation
on peak switch current without affecting the frequency
compensation it provides.
Maximum load current would be equal to maximum switch
current for an infinitely large inductor, but with finite
inductor size, maximum load current is reduced by one-
half peak-to-peak inductor current (ILP-P). The following
formula assumes continuous mode operation, implying
that the term on the right is less than one-half of IP.
IOUT(MAX) =
Continuous Mode
I–
I
2
=I
P
LP-P
P
+
()
()
()( )
VV
V
V
V
Lf V
OUT
F
IN
OUT
F
2
IIN
()
For VOUT = 5V, VIN = 12V, VF(D1) = 0.52V, f = 200kHz and
L = 15µH:
I
A
OUT MAX
()
=−
+
()
()
()(
)()
=−
=
3
5 0 52 12 5 0 52
2 15 10
200 10
12
30 5
2 5
63
.– .
••
..
Note that there is less load current available at the higher
input voltage because inductor ripple current increases.
At VIN = 24V, duty cycle is 23% and for the same set of
conditions:
I
A
OUT MAX
()
.– .
••
..
=−
+
()
()
()(
)()
=−
=
3
5
0 52 24
5 0 52
2 15 10
200 10
24
3
0 71 2 29
63
To calculate actual peak switch current with a given set
of conditions, use:
II
I
VV V
V
V
Lf V
SW PEAK
OUT
P
OUT
OUT
F
IN
OUT
F
IN
() =+
=+
+−
()
()( )( )
I
2
L-P
()
2
APPLICATIONS INFORMATION
*US Patent # 6,498,466


Similar Part No. - LT3430-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3430-1 LINER-LT3430-1_15 Datasheet
332Kb / 28P
   High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
More results

Similar Description - LT3430-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3430 LINER-LT3430_15 Datasheet
332Kb / 28P
   High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
LT3430-1 LINER-LT3430-1_15 Datasheet
332Kb / 28P
   High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com