Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440T-MSSSE11 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440T-MSSSE11
Description  Slamlock Electrical
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440T-MSSSE11 Datasheet(HTML) 4 Page - Allen-Bradley

  440T-MSSSE11 Datasheet HTML 1Page - Allen-Bradley 440T-MSSSE11 Datasheet HTML 2Page - Allen-Bradley 440T-MSSSE11 Datasheet HTML 3Page - Allen-Bradley 440T-MSSSE11 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Prosafe Trapped Key Interlock Switches
5-29
Slamlock Electrical
Accessories
Substitute the desired primary code for this symbol (key not included). See page 5-6 for code selection.
Substitute the desired secondary code for this symbol (key included). See page 5-6 for code selection.
Typical Applications
Description
Approximate Dimensions—mm (inches)
Catalogue Number
Replacement
Standard Actuator
440G-A27011
Replacement
Flat Actuator
440K-A11112
Replacement
Flexible Actuator
440G-A27143
Replacement Keys
See page 5-33
440T-AKEYE10
Replacement Code Barrel
See page 5-33
440T-ASCBE14➊
Replacement Dust Cap
See page 5-33
440T-ASFC10
3.5 (0.13)
18 (0.7)
4
(0.15)
36
(1.41)
14.5
(0.57)
M5 CSK
18 (0.7)
36
(1.41)
25 (0.98)
57 (2.24)
3.5
(0.13)
8
2 Holes,
5.5 Thru
19
(0.74)
13
(0.51)
51 (2.0)
18
(0.7)
20
(0.78)
2 Holes,
5.5 Slots
Actuator out, key trapped, safety
contacts open, auxiliary contact closed.
Actuator
Key
Contacts Housing
Locking force = 2000N (450lbs)


Similar Part No. - 440T-MSSSE11

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSSLE10 ALLEN-BRADLEY-440T-MSSLE10 Datasheet
90Kb / 2P
   Slamlock Mechanical
440T-MSSLE11 ALLEN-BRADLEY-440T-MSSLE11 Datasheet
90Kb / 2P
   Slamlock Mechanical
440T-MSSLE12 ALLEN-BRADLEY-440T-MSSLE12 Datasheet
90Kb / 2P
   Slamlock Mechanical
More results

Similar Description - 440T-MSSSE11

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSSLE10 ALLEN-BRADLEY-440T-MSSLE10 Datasheet
90Kb / 2P
   Slamlock Mechanical
logo
Hitachi Semiconductor
HD404344 HITACHI-HD404344 Datasheet
797Kb / 22P
   ELECTRICAL SPECIFICATIONS
HD6433258P10 HITACHI-HD6433258P10 Datasheet
797Kb / 22P
   ELECTRICAL SPECIFICATIONS
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com