Part Name
         Description
LT3080-1

 Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator ( 24 Page)


LINER
100% 
Zoom Out Zoom In
 
 4 page
background image
LT3080-1
4
30801fa
INPUT-TO-OUTPUT VOLTAGE (V)
0
– 0.25
0
0.25
18
30
30801 G05
– 0.50
– 0.75
–1.00
612
24
0.50
0.75
1.00
36*
ILOAD = 1mA
*SEE NOTE 9 IN ELECTRICAL
CHARACTERISTICS TABLE
Set Pin Current
Set Pin Current Distribution
Offset Voltage (VOUT – VSET)
Offset Voltage
Dropout Voltage
(Minimum IN Voltage)
TEMPERATURE (°C)
–50
10.00
10.10
150
30801 G01
9.90
9.80
0
50
100
–25
25
75
125
10.20
9.95
10.05
9.85
10.15
SET PIN CURRENT DISTRIBUTION (μA)
10.20
30801 G02
9.90
10.00
10.10
9.80
N = 13792
TEMPERATURE (°C)
–50
0
1.0
150
30801 G03
–1.0
–2.0
0
50
100
–25
25
75
125
2.0
– 0.5
0.5
–1.5
1.5
IL = 1mA
VOS DISTRIBUTION (mV)
2
30801 G04
–1
0
1
–2
N = 13250
TEMPERATURE (°C)
–50
0.4
0.6
150
30801 G08
0.2
0
0
50
100
–25
25
75
125
0.8
0.3
0.5
0.1
0.7
VIN, CONTROL – VOUT = 36V*
VIN, CONTROL – VOUT = 1.5V
*SEE NOTE 9 IN ELECTRICAL
CHARACTERISTICS TABLE
OUTPUT CURRENT (A)
0
150
200
250
0.6
1.0
30801 G09
100
50
0
0.2
0.4
0.8
300
350
400
1.2
TJ = 25°C
TJ = 125°C
Offset Voltage
Offset Voltage Distribution
Minimum Load Current
Load Regulation
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (A)
0
–30
–25
–20
0.6
1.0
30801 G06
–35
–40
–45
0.2
0.4
0.8
–10
0
–15
–5
5
1.2
TJ = 25°C
TJ = 125°C
TEMPERATURE (°C)
–50
–20
–10
150
30801 G07
–30
–50
0
50
100
–25
25
75
125
0
–25
–15
–35
–40
–45
–5
40
60
20
–20
–10
0
80
30
50
10
70
ΔILOAD = 1mA TO 1.1A
VIN – VOUT = 2V
CHANGE IN REFERENCE CURRENT
CHANGE IN OFFSET VOLTAGE
(VOUT – VSET)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AP11150.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR 1 2 3 4 5 MoreDiodes Incorporated
G3U10861.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator 1 2 3 4 GTM CORPORATION
GE1117A1A Low Dropout Positive Adjustable or Fixed-Mode Regulator 1 2 3 4 GTM CORPORATION
GM11160.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator 1 2 3 4 GTM CORPORATION
AP11171A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR 1 2 3 4 5 MoreDiodes Incorporated
G3U1117A1A Low Dropout Positive Adjustable or Fixed-Mode Regulator 1 2 3 4 GTM CORPORATION
GM1117A1A Low Dropout Positive Adjustable or Fixed-Mode Regulator 1 2 3 4 GTM CORPORATION
LT19651.1A Low Noise Low Dropout Linear Regulator 1 2 3 4 5 MoreLinear Technology
AP11844A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR 1 2 3 4 5 MoreDiodes Incorporated
APE1117A1A Low Dropout Positive Adjustable or Fixed-Mode Regulator 1 2 3 4 5 MoreAdvanced Power Electronics Corp.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl