Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

700S-DCP440Z24 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 700S-DCP440Z24
Description  Safety Control Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700S-DCP440Z24 Datasheet(HTML) 3 Page - Allen-Bradley

  700S-DCP440Z24 Datasheet HTML 1Page - Allen-Bradley 700S-DCP440Z24 Datasheet HTML 2Page - Allen-Bradley 700S-DCP440Z24 Datasheet HTML 3Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Contactors & Control Relays
9-31
Safety Control Relays
700S-P
Approximate Dimensions—mm (inches)
Dimensions are not intended for manufacturing purposes.
{
57.15
(2.25)
79.38
(3.12)
89.69
(3.53)
Provision for 2 #8/#10 Mfg. Screws
AC: 97.63 (3.84)
DC: 120.49 (4.74)
7.94
(0.31)
57.15
(2.25)
79.38
(3.12)
89.69
(3.53)
Provision for 2 #8/#10 Mfg. Screws
AC: 97.63 (3.84)
DC: 120.49 (4.74)
7.94
(0.31)
57.15
(2.25)
79.38
(3.12)
89.69
(3.53)
Provision for 2 #8/#10 Mfg. Screws
AC: 97.63 (3.84)
DC: 120.49 (4.74)
7.94
(0.31)
34.93
(1.37)
28.58
(1.12)
92.08
(3.62)
MP4 = 229 (9)
MP8 = 457 (18)
MP12 = 686 (27)
MP16 = 914 (36)
#8 Screws
(Captive)
57.15
(2.25)
57.15
(2.25)
12.7
(0.5)
Cat. No. 700-
2- and 4-Pole Bulletin 700S-P Relay
Approximate Shipping Weight AC - 0.68kg (1.5lbs),
DC - 1.34kg (2.95lbs)
6- and 8-Pole Bulletin 700S-P Relay
Approximate Shipping Weight AC - 0.79kg (1.75lbs),
DC - 1.45kg (3.20lbs)
10- and 12-Pole Bulletin 700S-P Relay
Approximate Shipping Weight AC - 1.02kg (2.25lbs),
DC - 1.68kg (3.7lbs)
Universal Mounting Rail for Bulletin 700-P, -PH, -PK,
and 700S-P Relays


Similar Part No. - 700S-DCP440Z24

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700S-CF ALLEN-BRADLEY-700S-CF Datasheet
193Kb / 12P
   Safety Control Relays
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
700S-CF440XC ALLEN-BRADLEY-700S-CF440XC Datasheet
250Kb / 5P
   Industrial Relays
700S-CF440XC ALLEN-BRADLEY-700S-CF440XC Datasheet
193Kb / 12P
   Safety Control Relays
700S-CF440ZXC ALLEN-BRADLEY-700S-CF440ZXC Datasheet
250Kb / 5P
   Industrial Relays
More results

Similar Description - 700S-DCP440Z24

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700S-CF ALLEN-BRADLEY-700S-CF Datasheet
193Kb / 12P
   Safety Control Relays
logo
SICK AG
UE43-2MF2D2 SICK-UE43-2MF2D2 Datasheet
327Kb / 6P
   SAFETY RELAYS
UE43-2MF3D2 SICK-UE43-2MF3D2 Datasheet
327Kb / 6P
   SAFETY RELAYS
UE43-3MF2D3 SICK-UE43-3MF2D3 Datasheet
362Kb / 5P
   SAFETY RELAYS
UE23-3MF2D2 SICK-UE23-3MF2D2 Datasheet
279Kb / 5P
   SAFETY RELAYS
UE43-4AR3D2 SICK-UE43-4AR3D2 Datasheet
309Kb / 6P
   SAFETY RELAYS
UE48-2OS3D2 SICK-UE48-2OS3D2 Datasheet
329Kb / 6P
   SAFETY RELAYS
MOC3ZA-KAZ33A3 SICK-MOC3ZA-KAZ33A3 Datasheet
401Kb / 5P
   SAFETY RELAYS
UE11-4DX2D30.5 SICK-UE11-4DX2D30.5 Datasheet
304Kb / 6P
   SAFETY RELAYS
UE12-2FG2D0 SICK-UE12-2FG2D0 Datasheet
266Kb / 5P
   SAFETY RELAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com