Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440R-N23114 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440R-N23114
Description  Safety Laser Scanner
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440R-N23114 Datasheet(HTML) 4 Page - Allen-Bradley

  440R-N23114 Datasheet HTML 1Page - Allen-Bradley 440R-N23114 Datasheet HTML 2Page - Allen-Bradley 440R-N23114 Datasheet HTML 3Page - Allen-Bradley 440R-N23114 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Presence Sensing Safety Devices
2-71
Safety Laser Scanner
SafeZone
Product Selection
5. Typical Wiring Diagrams (continued)
SafeZone Warning Field Output
Dimensions—mm (inches)
Warning field 1
30V max
Warning field 2
0V
L
N
X
4mm Hex Socket
Chassis Ground
1mm
2 to 2.5mm2
11 (0.43)
3.15 AT
fuse
176 (6.9)
Male Plug
I4 Pin
Protective Cap
Name Plate
Label
56.5 (2.22)
Indica-
tion
Lamps
137.5
(5.41)
~ 60 (2.36)
115 (4.52)
144 (5.66)
90 (3.54) min bend radius
green red yellow yellow
176 (6.9)
Threaded M4 x 10
4 places
86
(3.38)
24V DC
Signal
Interface
15
(0.59)
15.5
(0.61)
19
(0.74)
Male Plug 8
Pin
Protective
Cap
158
(6.22)
178
(7.0)
10 (0.39)
Mounting
Holes
DIagnostics
Warning
Safety
Female Cable
Connector 8 Pin
Female Cable
Connector 14 Pin
Min 175 (6.88)
distance
120 (4.72) min bend radius
Mounting Surface


Similar Part No. - 440R-N23114

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440R-N23114 ALLEN-BRADLEY-440R-N23114 Datasheet
119Kb / 6P
   Safety Light Curtains
440R-N23114 ALLEN-BRADLEY-440R-N23114 Datasheet
168Kb / 7P
   Safety Light Curtains
440R-N23114 ALLEN-BRADLEY-440R-N23114 Datasheet
263Kb / 12P
   Safety Light Curtains
440R-N23114 ALLEN-BRADLEY-440R-N23114 Datasheet
160Kb / 8P
   Safety Light Curtains
More results

Similar Description - 440R-N23114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPR-3201-BLACK ETC2-OPR-3201-BLACK Datasheet
810Kb / 2P
   Barcode laser scanner
DS2200 ETC2-DS2200 Datasheet
752Kb / 2P
   Scanner Laser ultra compatto
logo
Protech Systems Co., Lt...
POS-6511-MIT PROTECHSYSTEMS-POS-6511-MIT Datasheet
574Kb / 2P
   Bulit-in Omni-direction Laser Scanner
logo
Roithner LaserTechnik G...
ADL-85501TL ROITHNER-ADL-85501TL Datasheet
107Kb / 1P
   Bar-code Scanner Laser printer Military
logo
SICK AG
MICS3-ABAZ90ZA1P01 SICK-MICS3-ABAZ90ZA1P01 Datasheet
622Kb / 7P
   SAFETY LASER SCANNERS / SAFETY SYSTEMS
MICS3-CBAZ55ZA1P01 SICK-MICS3-CBAZ55ZA1P01 Datasheet
622Kb / 7P
   SAFETY LASER SCANNERS / SAFETY SYSTEMS
MICS3-ABAZ55ZA1P01 SICK-MICS3-ABAZ55ZA1P01 Datasheet
622Kb / 7P
   SAFETY LASER SCANNERS / SAFETY SYSTEMS
MICS3-ABAZ40ZA1P01 SICK-MICS3-ABAZ40ZA1P01 Datasheet
622Kb / 7P
   SAFETY LASER SCANNERS / SAFETY SYSTEMS
MICS3-CBAZ40ZA1P01 SICK-MICS3-CBAZ40ZA1P01 Datasheet
622Kb / 7P
   SAFETY LASER SCANNERS / SAFETY SYSTEMS
S30A-4011DA SICK-S30A-4011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com