Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2031-X0043HX Datasheet(PDF) 7 Page - Allen-Bradley

Part # 2031-X0043HX
Description  ElectroGuard
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2031-X0043HX Datasheet(HTML) 7 Page - Allen-Bradley

  2031-X0043HX Datasheet HTML 1Page - Allen-Bradley 2031-X0043HX Datasheet HTML 2Page - Allen-Bradley 2031-X0043HX Datasheet HTML 3Page - Allen-Bradley 2031-X0043HX Datasheet HTML 4Page - Allen-Bradley 2031-X0043HX Datasheet HTML 5Page - Allen-Bradley 2031-X0043HX Datasheet HTML 6Page - Allen-Bradley 2031-X0043HX Datasheet HTML 7Page - Allen-Bradley 2031-X0043HX Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12-18
Safety Isolation System
ElectroGuard
Typical Wiring Diagram/Wire Length Considerations
Typical Wiring Diagram
Wire Length Considerations
Each Remote Lockout Station is connected to the Control Module
in the Power Panel of the Safety Isolation System. The total length
of the wire used to connect the Remote Lockout Stations to the
Control Module should not exceed the maximum values shown in
the following tables.
Calculate the total wire length as follows:
1. Determine the distance in feet or meters from each Remote
Lockout Station to the Control Module (located inside the Safety
Isolation System Power Panel).
2. Sum the distances for all of the Remote Lockout Stations.
3. Double this value.
4. Compare this doubled value with the maximum values for total
wire length shown in the table below:
Total Wire Length for Remote Lockout Stations
If the application requires a total wire length greater than those
shown in the table, one or more Expansion Modules should be used.
The maximum wire length for the Expansion Modules is shown in
the following table:
For North America
For Outside of North America
Wire Gauge
Max. Total
Wire Length
Wire Gauge
Max. Total
Wire Length
14AWG
4,600 feet
18 Gauge Metric
1,400 meters
16AWG
2,600 feet
14 Gauge Metric
800 meters
18AWG
1,300 feet
Safety Isolation System
with Optional Fusible
Disconnecting Means
L1
Designates
field
connection
points
Remote
Lockout
Station(s)
To Motor
Starters
To
Loads
GC
1IC 2IC
L2
L3
T1
T2
T3
ATTENTION: It is important not to
exceed the maximum wire length values
shown in this section. If the maximum values
are exceeded, this may result in an unreliable
signal to the Safety Isolation System.
Consider using an Expansion Module if wire
lengths greater than those shown for the
Remote Lockout Stations are needed.
Total Wire Length for Expansion Modules
Sample Calculation: An application for a 630A Safety Isolation
System will require 8 Remote Lockout Stations (RLS):
The wire length from RLS # 1 to the Control Module (in the
ElectroGuard Power Panel) will be 50ft.
The wire length from RLS # 2 to the Control Module will be 200ft.
The wire length from RLS # 3 to the Control Module will be 100ft.
The wire length from RLS # 4 to the Control Module will be 300ft.
The wire length from RLS # 5 to the Control Module will be 500ft.
The wire length from RLS # 6 to the Control Module will be 1000ft.
The wire length from RLS # 7 to the Control Module will be 850ft.
The wire length from RLS # 8 to the Control Module will be 750ft.
14AWG wire will be used to connect the RLS to the Control Module
(see illustration below).
Analysis: The Control Module furnished with the 630A Safety
Isolation System is capable of supporting a maximum of six (6) RLS.
Since this installation will require eight (8) RLS, an optional 4 port
Expansion Module will also be used. The Expansion Module will be
wired to the Control Module and will take the place of one of the
original six RLS. We will, therefore, plan to wire five (5) of the RLS
directly to the Control Module and three (3) of the RLS to the
Expansion Module. Since the Expansion Module allows greater wire
lengths than the Control Module, we will plan to wire the RLS to be
installed furthest away from the Power Panel to the Expansion
Module.
For RLS # 1: wire length = 50ft x 2 = 100ft
For RLS # 2: wire length = 200ft x 2 = 400ft
For RLS # 3: wire length = 100ft x 2 = 200ft
For RLS # 4: wire length = 300ft x 2 = 600ft
For RLS # 5: wire length = 500ft x 2 = 1000ft
For North America
For Outside North America
Wire Gauge
Max. Total
Wire Length
Wire Gauge
Max. Total
Wire Length
14AWG
40,000 feet
18 Gauge Metric
12,200 meters
16AWG
23,000 feet
14 Gauge Metric
7,000 meters
18AWG
11,700 feet
152m
(500ft)
304m
(1000ft)
259m
(850ft)
228m
(750ft)
RLS
#5
RLS
#4
RLS
#3
RLS
#7
RLS
#8
RLS
#6
RLS
#1
RLS
#2
91m (300ft)
30m (100ft)
61m (200ft)
15m (50ft)
Expansion
Module
Control
Module
Power Panel


Similar Part No. - 2031-X0043HX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2031-XXT BOURNS-2031-XXT Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
More results

Similar Description - 2031-X0043HX

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2032-C0023PX-23B ALLEN-BRADLEY-2032-C0023PX-23B Datasheet
164Kb / 9P
   ElectroGuard
2033-C0023PX-39K ALLEN-BRADLEY-2033-C0023PX-39K Datasheet
175Kb / 10P
   ElectroGuard
2032-A0023AX-24J ALLEN-BRADLEY-2032-A0023AX-24J Datasheet
162Kb / 9P
   ElectroGuard
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com