Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

802T-KTPD Datasheet(PDF) 2 Page - Allen-Bradley

Part # 802T-KTPD
Description  Safety Limit Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

802T-KTPD Datasheet(HTML) 2 Page - Allen-Bradley

  802T-KTPD Datasheet HTML 1Page - Allen-Bradley 802T-KTPD Datasheet HTML 2Page - Allen-Bradley 802T-KTPD Datasheet HTML 3Page - Allen-Bradley 802T-KTPD Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Position Interlock Switches
7-15
Safety Limit Switches
802T Direct Opening Action NEMA-Style Switches
Range of Operation
Product Selection
Modifications and Typical Levers—See page 7-17.
Number
of
Circuits
Lever Movement vs. Contact Operation
Torque/
Force to
Operate
(Max)
Travel to
Operate
(Max)
Torque/
Force to
Operate
Direct
Opening
Action
(Min)
Travel to
Operate
Direct
Opening
Action
(Min)
Max
Travel
Travel to
Reset
Contacts
(Max)
Catalogue Number
Lever Type
• Spring Return
2
Clockwise or
Counter Clockwise
0.45 N.m
(4.0lbin)
13°
0.90 N.m
(8lbf.in)
25°
90°
Switch w/o Lever
802T-APD
4
802T-ATPD
Top Push Roller
• Spring Return
2
Normal
Operated
28.47N
(6.4lbf)
1.17mm
(0.046in)
66.72N
(15.0 lbf)
2.29mm
(0.090in)
5.99mm
(0.236in)
0.64mm
(0.025in)
Complete Switch
802T-DPD
4
802T-DTPD
Side Push Vertical Roller
• Spring Return
2
Normal
Operated
24.5N
(5.5lbf)
2.08mm
(0.082in)
53.4N
(12.0 lbf)
4.19mm
(0.165in)
5.74mm
(0.226in)
1.14mm
(0.045in)
Complete Switch
802T-KPD
4
802T-KTPD
Side Push Horizontal Roller
• Spring Return
2
Normal
Operated
24.5N
(5.5lbf)
2.08mm
(0.082in
53.4N
(12.0 lbf)
4.19mm
(0.165in)
5.74mm
(0.226in)
1.14mm
(0.045in)
Complete Switch
802T-K1PD
4
802T-K1TPD
Lever Type
Spring Return
Top Push Roller
Spring Return
Side Push
Vertical Roller
Spring Return
Side Push
Horizontal Roller
Spring Return
Travel to
Operate Contacts
Max Travel
Travel to
Reset
Max Travel
Travel to
Reset
Travel to
Operate Contacts
Travel to
Reset Contacts
Max Travel
2
4
1
3
2
4
1
3
2
4
1
3
2
4
1
3
56
78
2
4
1
3
56
78
2
4
1
3
56
78
2
4
1
3
2
4
1
3
2
4
1
3
56
78
2
4
1
3
56
78
2
4
1
3
2
4
1
3
2
4
1
3
56
78
2
4
1
3
56
78
2
4
1
3
2
4
1
3
2
4
1
3
56
78
2
4
1
3
56
78


Similar Part No. - 802T-KTPD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
802T STMICROELECTRONICS-802T Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
More results

Similar Description - 802T-KTPD

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Highly Electric Co., Lt...
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
   EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com