Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS286 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS286
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS286 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS286 Datasheet HTML 1Page - Vishay Siliconix BAS286 Datasheet HTML 2Page - Vishay Siliconix BAS286 Datasheet HTML 3Page - Vishay Siliconix BAS286 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS286
Vishay Telefunken
Rev. 3, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85502
Characteristics (Tj = 25_C unless otherwise specified)
0
50
100
150
200
250
300
350
400
450
500
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
15827
VR = 50 V
540K/W
PR–Limit
@100%VR
PR–Limit
@80%VR
RthJA=
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
1
10
100
1000
10000
25
50
75
100
125
150
1
10
100
1000
10000
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
15828
VR = VRRM
Figure 2. Reverse Current vs. Junction Temperature
0
0.5
1.0
1.5
VF – Forward Voltage ( V )
15829
Tj =25°C
Tj = 150°C
0.1
1
10
100
1000
Figure 3. Forward Current vs. Forward Voltage
0
1
2
3
4
5
6
7
8
9
10
0.1
1.0
10.0
100.0
VR – Reverse Voltage ( V )
15830
f=1MHz
Figure 4. Diode Capacitance vs. Reverse Voltage


Similar Part No. - BAS286

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS286 VISHAY-BAS286 Datasheet
185Kb / 5P
   Small Signal Schottky Diode
Rev. 1.7, 28-Jul-06
BAS286 VISHAY-BAS286 Datasheet
174Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 05-Aug-10
BAS286 VISHAY-BAS286 Datasheet
99Kb / 4P
   Small Signal Schottky Diode
01-Jan-2022
BAS286-GS08 VISHAY-BAS286-GS08 Datasheet
185Kb / 5P
   Small Signal Schottky Diode
Rev. 1.7, 28-Jul-06
BAS286-GS08 VISHAY-BAS286-GS08 Datasheet
94Kb / 5P
   Small Signal Schottky Diode
Rev. 1.9, 09-May-12
More results

Similar Description - BAS286

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com