Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KI2302DS Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI2302DS
Description  N-Channel 1.25-W, 2.5-V MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI2302DS Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KI2302DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI2302DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Diodes
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
VGS =0V, ID =10ìA
20
Gate-Threshold Voltage
VGS(th)
VDS =VGS,ID =50ìA
0.65
Gate-Body Leakage
IGSS
VDS =0V, VGS =
8V
100
nA
VDS =20V, VGS =0V
1
VDS =20V, VGS =0V, TJ =55
10
VDS
5V, VGS =4.5 V
6
VDS
5V, VGS =2.5 V
4
VGS =4.5 V, ID = 3.6 A
0.07
0.085
VGS =2.5 V, ID = 3.1 A
0.085 0.115
Forward Transconductance *
gfs
VDS =5V, ID =3.6 A
10
S
Diode Forward Voltage
VSD
IS =1.6 A, VGS = 0 V
0.76
1.2
V
Total Gate Charge
Qg
5.4
10
Gate-Source Charge
Qgs
0.65
Gate-Drain Charge
Qgd
1.60
Input Capacitance
Ciss
340
Output Capacitance
Coss
115
Reverse Transfer Capacitance
Crss
33
Turn-On Delay Time
td(on)
12
25
Rise Time
tr
36
60
Turn-Off Delay Time
td(off)
34
60
Fall-Time
tf
10
25
*Pulse test: PW
300 ìs duty cycle
2%..
nC
Drain-Source On-Resistance *
ns
VDD=10V,RL=5.5
Ù,ID=3.6A,VGEN=4.5V,RG=6Ù
Zero Gate Voltage Drain Current
IDSS
On-State Drain Current *
ID(on)
rDS(on)
VDS=10V,VGS=0V,f=1MHz
pF
VDS=10V,VGS=4.5V,ID=3.6A
V
ìA
A
Ù
Marking
Marking
A2
KI2302DS


Similar Part No. - KI2302DS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI2302DS-HF KEXIN-KI2302DS-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - KI2302DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2302ADS VISHAY-SI2302ADS Datasheet
56Kb / 4P
   N-Channel 1.25-W, 2.5-V MOSFET
Rev. D, 20-Sep-04
logo
Bookly Micro electronic
BM2302 BOOKLY-BM2302 Datasheet
51Kb / 4P
   N-Channel 1.25-W, 2.5-V MOSFET
BM2301 BOOKLY-BM2301 Datasheet
50Kb / 4P
   P-Channel 1.25-W, 2.5-V MOSFET
logo
Vishay Siliconix
SI2301DS VISHAY-SI2301DS Datasheet
55Kb / 4P
   P-Channel 1.25-W, 2.5-V MOSFET
Rev. E, 13-Oct-03
SI2305DS VISHAY-SI2305DS Datasheet
54Kb / 4P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. C, 28-Dec-98
SI2305DS-T1-E3 VISHAY-SI2305DS-T1-E3 Datasheet
194Kb / 8P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. E, 02-Feb-09
SI2315DS VISHAY-SI2315DS Datasheet
58Kb / 4P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI2305DS-T1 VISHAY-SI2305DS-T1 Datasheet
194Kb / 8P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. E, 02-Feb-09
logo
Guangdong Kexin Industr...
KI2305DS KEXIN-KI2305DS Datasheet
49Kb / 2P
   P-Channel 1.25-W, 1.8-V (G-S) Mosfet
logo
ON Semiconductor
NDF05N50Z ONSEMI-NDF05N50Z Datasheet
166Kb / 9P
   N-Channel Power MOSFET 500 V, 1.25 ?
December, 2009 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com